Electronic Components Datasheet Search
  English  ▼

X  

BCP68 Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # BCP68
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP68 Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button BCP68 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 17Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP69_BC869_BC69PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 7 — 12 October 2011
14 of 24
Nexperia
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
VCE = 1V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 15. hFE selection -16: DC current gain as a
function of collector current; typical values
Fig 16. hFE selection -16: collector current as a
function of collector-emitter voltage; typical
values
VCE = 1V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
IC/IB =10
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Fig 17. hFE selection -16: base-emitter voltage as a
function of collector current; typical values
Fig 18. hFE selection -16: collector-emitter saturation
voltage as a function of collector current;
typical values
006aac697
100
200
300
hFE
0
IC (A)
-10-4
-10
-1
-10-3
-10-1
-10-2
(1)
(2)
(3)
006aab403
0
IC
(A)
VCE (V)
−2.4
−1.6
−2.0
−0.8
−1.2
−0.4
0
−1
−5
−2
−3
−4
IB (mA) = −18.0
−16.2
−3.6
−5.4
−7.2
−9.0
−14.4
−12.6
−10.8
−1.8
006aac698
-0.4
-0.8
-1.2
VBE
(V)
0.0
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
006aac699
-10-1
-10-2
-1
VCEsat
(V)
-10-3
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com