Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCV62
Description  PNP general-purpose double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV62 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCV62 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
PNP general-purpose double transistors in a small SOT143B Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
Low current (max. 100 mA)
Low voltage (max. 30 V)
Matched pairs
AEC-Q101 qualified
Small SMD plastic package
1.3 Applications
Applications with working point independent of temperature
Current mirrors
1.4 Quick reference data
BCV62
PNP general-purpose double transistors
Rev. 4 — 26 July 2010
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
N
experia
JEITA
BCV62
SOT143B
-
BCV61
BCV62A
BCV61A
BCV62B
BCV61B
BCV62C
BCV61C
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
−30
V
IC
collector current
-
-
−100 mA
Transistor TR1
hFE
DC current gain
VCE = −5V; IC = −100 μA
100
-
-
VCE = −5V; IC = −2 mA
100
-
800


Similar Part No. - BCV62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV62 PHILIPS-BCV62 Datasheet
51Kb / 8P
PNP general purpose double transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCV62 SIEMENS-BCV62 Datasheet
94Kb / 5P
PNP Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Infineon Technologies A...
BCV62 INFINEON-BCV62 Datasheet
49Kb / 5P
PNP Silicon Double Transistor
Jul-11-2001Jul-11-2001
logo
NXP Semiconductors
BCV62 PHILIPS-BCV62 Datasheet
154Kb / 14P
PNP general-purpose double transistors
Rev. 4-26 July 2010
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
PNP general purpose double transistor
More results

Similar Description - BCV62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
PIMZ2 PHILIPS-PIMZ2 Datasheet
53Kb / 9P
NPN/PNP general-purpose double transistors
Rev. 05-24 November 2004
PIMZ2 NXP-PIMZ2 Datasheet
106Kb / 9P
NPN/PNP general-purpose double transistors
Rev. 06-17 November 2009
BCV62 PHILIPS-BCV62_15 Datasheet
154Kb / 14P
PNP general-purpose double transistors
Rev. 4-26 July 2010
logo
Nexperia B.V. All right...
BC807RA NEXPERIA-BC807RA Datasheet
250Kb / 11P
45 V, 500 mA PNP/PNP general-purpose double transistors
BC857RA NEXPERIA-BC857RA Datasheet
240Kb / 11P
45 V, 100 mA PNP/PNP general-purpose double transistors
BC807DS NEXPERIA-BC807DS Datasheet
201Kb / 8P
PNP/PNP general purpose double transistors
3 May 2019
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
PNP/PNP general purpose double transistor
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com