Electronic Components Datasheet Search
  English  ▼

X  

BCV64B Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BCV64B
Description  PNP general-purpose double transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV64B Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BCV64B Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BCV64B
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 2 August 2010
5 of 12
Nexperia
BCV64B
PNP general-purpose double transistor
VCE = −5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Base-emitter voltage as a function of collector
current; typical values
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 3.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 4.
Base-emitter saturation voltage as a function
of collector current; typical values
mgt715
0
400
600
800
1000
hFE
200
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
(1)
(2)
(3)
mgt716
0
−1200
−1000
−800
−600
−400
−200
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
mgt717
−104
−103
−102
−10
−10−1
−1
−10
−102
−103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt718
−10−1
−1
−10
−102
−103
IC (mA)
0
−1200
−1000
−800
−600
−400
−200
VBEsat
(mV)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com