Electronic Components Datasheet Search
  English  ▼

X  

BCV65 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCV65
Description  NPN/PNP general-purpose transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV65 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCV65 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV65 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BCV65
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 27 July 2010
4 of 11
Nexperia
BCV65
NPN/PNP general-purpose transistor
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 1.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 2.
TR1 (NPN): Base-emitter voltage as a function
of collector current; typical values
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 3.
TR1 (NPN): Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 4.
TR1 (NPN): Base-emitter saturation voltage as
a function of collector current; typical values
mgt727
10−1
110
102
103
IC (mA)
0
600
500
400
300
200
100
hFE
(1)
(2)
(3)
0
1200
1000
800
600
400
200
mgt728
10−2
10−1
110
102
103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
104
103
102
10
mgt729
10−1
110
102
103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt730
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBEsat
(mV)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com