Electronic Components Datasheet Search
  English  ▼

X  

BCW68 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCW68
Description  45 V, 800 mA PNP general-purpose transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW68 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCW68 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW68 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BCW68 series
45 V, 800 mA PNP general-purpose transistor
Rev. 1 — 21 April 2017
Product data sheet
1 General description
PNP general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted Device
(SMD) plastic package.
NPN complements: BCW66F/G/H
2 Features and benefits
• High current
• AEC-Q101 qualified
3 Applications
• General-purpose switching and amplification
4 Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
-45
V
IC
collector current
-
-
-800
mA
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
-1
A
DC current gain
BCW68F
100
-
250
BCW68G
160
-
400
hFE
BCW68H
VCE = -1 V; IC = -100 mA; Tamb = 25 °C [1]
250
-
600
[1]
pulsed: tp ≤ 300 μs, δ ≤ 0.02


Similar Part No. - BCW68

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
KEC(Korea Electronics)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Infineon Technologies A...
BCW68 INFINEON-BCW68 Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW68 DIOTEC-BCW68 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCW68 KEXIN-BCW68 Datasheet
42Kb / 2P
PNP General Purpose Transistors
More results

Similar Description - BCW68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
BCW66 NEXPERIA-BCW66 Datasheet
300Kb / 14P
45 V, 800 mA NPN general-purpose transistor
BCW68 NEXPERIA-BCW68 Datasheet
272Kb / 13P
45 V, 800 mA PNP general-purpose transistor
2PB709ART NEXPERIA-2PB709ART Datasheet
591Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01 - 19 March 2007
BC857XQB-Q_SER NEXPERIA-BC857XQB-Q_SER Datasheet
245Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BC857XQB_SER NEXPERIA-BC857XQB_SER Datasheet
245Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 4 - 20 September 2021
BCW66X_SER NEXPERIA-BCW66X_SER Datasheet
299Kb / 14P
45 V, 800 mA NPN general-purpose transistor
Rev. 1 - 21 April 2017
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com