Electronic Components Datasheet Search
  English  ▼

X  

X06FF3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X06FF3
Description  600 V - 1,000 V Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

X06FF3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X06FF3 Datasheet HTML 1Page - List of Unclassifed Manufacturers X06FF3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
3
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
X06FF3 X10FF3
X06FF5 X10FF5
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=0.5A, Ir=1.0A, Irr=0.25A • Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
600 V - 1,000 V Rectifiers
0.5 A - 1.0 A Forward Current
30 ns - 50 ns Recovery Time
AXIAL LEADED
HERMETICALLY SEALED
.030 ±.003
(.77 ±.06)
.185(4.7)
MAX.
.110(2.8)
MAX.
1.00(25.4)
MIN.
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
u L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
25
2
1
.
=
L5
7
3
.
=
L0
0
5
.
=
LC
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
3
F
F
6
0
X
3
F
F
0
1
X
0
0
6
0
0
0
1
0
6
.
0
0
5
.
0
0
3
.
0
5
2
.
0
0
.
1
0
.
1
0
2
0
2
0
.
3
0
.
5
5
7
.
0
5
7
.
0
0
.
6
1
0
.
2
1
0
.
3
0
.
2
0
3
0
3
8
1
8
1
8
3
8
3
5
4
5
4
6
1
6
1
5
F
F
6
0
X
5
F
F
0
1
X
0
0
6
0
0
0
1
0
0
.
1
0
8
.
0
0
5
.
0
0
4
.
0
0
.
1
0
.
1
0
2
0
2
0
.
2
2
.
2
5
7
.
0
5
7
.
0
0
.
6
1
0
.
2
1
0
.
3
0
.
2
0
5
0
5
8
1
8
1
8
3
8
3
5
4
5
4
6
1
6
1


Similar Part No. - X06FF3

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
X0605MK FOSHAN-X0605MK Datasheet
755Kb / 6P
Thyristor in a TO-92 Plastic Package
More results

Similar Description - X06FF3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1202D ETC-1202D Datasheet
66Kb / 2P
200 V - 1,000 V Single Phase Bridge
1302 ETC-1302 Datasheet
138Kb / 2P
200 V - 1,000 V Single Phase Bridge
1502FB ETC-1502FB Datasheet
229Kb / 2P
200 V - 1,000 V Single Phase Bridge
1N6612 ETC1-1N6612 Datasheet
83Kb / 2P
400 V - 1,000 V Rectifiers
1102A ETC1-1102A Datasheet
66Kb / 2P
200 V - 1,000 V Single Phase Bridge
3402B ETC1-3402B Datasheet
252Kb / 2P
200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
1102B VMI-1102B Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
New Jersey Semi-Conduct...
1N6616 NJSEMI-1N6616 Datasheet
81Kb / 1P
400 V -1,000 V Rectifiers
logo
ON Semiconductor
S1GHE ONSEMI-S1GHE Datasheet
163Kb / 5P
Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com