Electronic Components Datasheet Search
  English  ▼

X  

WS7106CPL Datasheet(PDF) 13 Page - Wing Shing Computer Components

Part # WS7106CPL
Description  3 1/2 Digit LCD/LED Display A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS7106CPL Datasheet(HTML) 13 Page - Wing Shing Computer Components

Back Button WS7106CPL Datasheet HTML 6Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 7Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 8Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 9Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 10Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 11Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 12Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 13Page - Wing Shing Computer Components WS7106CPL Datasheet HTML 14Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FIGURE 22. DISPLAY BUFFERING FOR INCREASED DRIVE CURRENT
Typical Applications (Continued)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
100pF
TO PIN 1
0.1
µF
100k
Ω
1k
Ω
22k
Ω
47k
Ω
0.22
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
Test is used as a common-mode reference level to ensure compatibility with most op amps.
10
µF
9V
10
µF
470k
Ω
1
µF
4.3k
Ω
100pF
(FOR OPTIMUM BANDWIDTH)
1
µF
10k
Ω
10k
Ω
1N914
1
µF
0.22
µF
5
µF
CA3140
2.2M
Ω
+
-
100k
Ω
AC IN
SCALE FACTOR ADJUST
(VREF = 100mV FOR AC TO RMS)
+
-
ICL7107
130
Ω
130
Ω
130
Ω
LED
SEGMENTS
+5V
DM7407
WS7106 / WS7107
FIGURE 21. AC TO DC CONVERTER WITH WS7106
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com