Electronic Components Datasheet Search
  English  ▼

X  

AT25DF041B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT25DF041B
Description  4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF041B Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT25DF041B Datasheet HTML 1Page - Renesas Technology Corp AT25DF041B Datasheet HTML 2Page - Renesas Technology Corp AT25DF041B Datasheet HTML 3Page - Renesas Technology Corp AT25DF041B Datasheet HTML 4Page - Renesas Technology Corp AT25DF041B Datasheet HTML 5Page - Renesas Technology Corp AT25DF041B Datasheet HTML 6Page - Renesas Technology Corp AT25DF041B Datasheet HTML 7Page - Renesas Technology Corp AT25DF041B Datasheet HTML 8Page - Renesas Technology Corp AT25DF041B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Datasheet
DS-AT25DF041B-040 Rev. H
Page 1
12/13/22
© 2022 Renesas Electronics
Features
▪ Single 1.65 V - 3.6 V Supply (-40
°C to +85 °C)
▪ Single 1.7 V - 3.6 V Supply (-40
°C to +125 °C)
▪ Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual-I/O Operation
▪ 104 MHz Maximum Operating Frequency
• Clock-to-Output (tV) of 6 ns
▪ Flexible, Optimized Erase Architecture for Code + Data Storage Applications
• Small (256-byte) Page Erase
• Uniform 4-kByte Block Erase
• Uniform 32-kByte Block Erase
• Uniform 64-kByte Block Erase
•Full Chip Erase
▪ Hardware Controlled Locking of Protected Sectors via WP Pin
▪ 128-Byte Programmable OTP Security Register
• 64 bytes Factory Programmed with a Unique Identifier
• 64 bytes User-Programmable
▪ Flexible Programming
• Byte/Page Program (1 to 256 Bytes)
• Dual-Input Byte/Page Program (1 to 256 Bytes)
• Sequential Program Mode Capability
▪ Fast Program and Erase Times
• 1.25 ms Typical Page Program (256 Bytes) Time
• 35 ms Typical 4-kByte Block Erase Time
• 250 ms Typical 32-kByte Block Erase Time
• 450 ms Typical 64-kByte Block Erase Time
▪ Automatic Checking and Reporting of Erase/Program Failures
▪ Software Controlled Reset
▪ JEDEC Standard Manufacturer and Device ID Read Methodology
▪ Low Power Dissipation
• 200 nA Ultra Deep Power Down current (Typical)
• 5 µA Deep Power-Down Current (Typical)
• 25 µA Standby current (Typical)
• 5 mA Active Read Current (Typical)
▪ Endurance:
• 100,000 Program/Erase Cycles (-40
°C to +85 °C)
• 20,000 Program/Erase Cycles (-40
°C to +125 °C)
▪ Data Retention: 20 Years
▪ Complies with Full Industrial Temperature Range
▪ Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8-lead SOIC (150-mil)
• 8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
• 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
• 8-lead TSSOP
•8-ball WLCSP
• Die in Wafer Form (DWF)
AT25DF041B
4-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual I/O Support


Similar Part No. - AT25DF041B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF041B-DWFHN-B ETC-AT25DF041B-DWFHN-B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF041B-DWFHN-T ETC-AT25DF041B-DWFHN-T Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF041B-DWFHN-Y ETC-AT25DF041B-DWFHN-Y Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results

Similar Description - AT25DF041B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DF021A RENESAS-AT25DF021A Datasheet
1Mb / 59P
AT25DF021A 2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/22/22
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
AT25XE011 RENESAS-AT25XE011 Datasheet
1Mb / 51P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
8/1/22
AT25XE021A RENESAS-AT25XE021A Datasheet
1Mb / 61P
2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
12/9/22
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com