Electronic Components Datasheet Search
  English  ▼

X  

AT25DF081A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF081A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25DF081A Datasheet HTML 6Page - Renesas Technology Corp AT25DF081A Datasheet HTML 7Page - Renesas Technology Corp AT25DF081A Datasheet HTML 8Page - Renesas Technology Corp AT25DF081A Datasheet HTML 9Page - Renesas Technology Corp AT25DF081A Datasheet HTML 10Page - Renesas Technology Corp AT25DF081A Datasheet HTML 11Page - Renesas Technology Corp AT25DF081A Datasheet HTML 12Page - Renesas Technology Corp AT25DF081A Datasheet HTML 13Page - Renesas Technology Corp AT25DF081A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10
8715F–SFLSH–02/2022
AT25DF081A
7.2
Dual-Output Read Array
The Dual-Output Read Array command is similar to the standard Read Array command and can be used to
sequentially read a continuous stream of data from the device by simply providing the clock signal once the initial
starting address has been specified. Unlike the standard Read Array command, however, the Dual-Output Read
Array command allows two bits of data to be clocked out of the device on every clock cycle rather than just one.
The Dual-Output Read Array command can be used at any clock frequency up to the maximum specified by fRDDO.
To perform the Dual-Output Read Array operation, the CS pin must first be asserted and the opcode of 3Bh must
be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to
specify the starting address location of the first byte to read within the memory array. Following the three address
bytes, a single dummy byte must also be clocked into the device.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles will result in data
being output on both the SO and SIO pins. The data is always output with the MSB of a byte first, and the MSB is
always output on the SO pin. During the first clock cycle, bit seven of the first data byte will be output on the SO pin
while bit six of the same data byte will be output on the SIO pin. During the next clock cycle, bits five and four of the
first data byte will be output on the SO and SIO pins, respectively. The sequence continues with each byte of data
being output after every four clock cycles. When the last byte (0FFFFFh) of the memory array has been read, the
device will continue reading back at the beginning of the array (000000h). No delays will be incurred when wrap-
ping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO and SIO pins into a high-impedance state.
The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 7-4.
Dual-Output Read Array
SCK
CS
SIO
SO
MSB
MSB
23
1
0
00111011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS A23-A0
DON'T CARE
OUTPUT
DATA BYTE 1
OUTPUT
DATA BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com