Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF641A Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT25DF641A Datasheet HTML 1Page - Renesas Technology Corp AT25DF641A Datasheet HTML 2Page - Renesas Technology Corp AT25DF641A Datasheet HTML 3Page - Renesas Technology Corp AT25DF641A Datasheet HTML 4Page - Renesas Technology Corp AT25DF641A Datasheet HTML 5Page - Renesas Technology Corp AT25DF641A Datasheet HTML 6Page - Renesas Technology Corp AT25DF641A Datasheet HTML 7Page - Renesas Technology Corp AT25DF641A Datasheet HTML 8Page - Renesas Technology Corp AT25DF641A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
8793G–DFLASH–02/2022
Features
Single 2.7V - 3.6V supply
Serial Peripheral Interface (SPI) compatible
Supports SPI Modes 0 and 3
Supports RapidS™ operation
Supports Dual-Input Program and Dual-Output Read
Very high operating frequencies
100MHz for RapidS
85MHz for SPI
Clock-to-output time (tV) of 5ns maximum
Flexible, optimized erase architecture for code + data storage applications
Uniform 4KB, 32KB, and 64KB Block Erase
Full Chip Erase
Individual sector protection with Global Protect/Unprotect feature
128 Sectors of 64KB each
Hardware controlled locking of protected sectors via WP pin
Sector Lockdown
Make any combination of 64KB sectors permanently read-only
128-byte One-Time Programmable (OTP) Security Register
64 bytes factory preprogrammed
64 bytes user programmable
Flexible programming
Byte/Page Program (1 to 256 bytes)
Fast program and erase times
2.5ms typical Page Program (256 bytes) time
75ms typical 4KB Block Erase time
300ms typical 32KB Block Erase time
600ms typical 64KB Block Erase time
Program and Erase Suspend/Resume
Automatic checking and reporting of erase/program failures
Software controlled reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low power dissipation
25mA Active Read current (typical at 20MHz)
5µA Deep Power-Down current (typical)
Endurance: 100,000 program/erase cycles
Data retention: 20 years
Complies with full industrial temperature range
Industry standard green (Pb/Halide-free/RoHS compliant) package options
8-lead SOIC (0.208” wide)
8-pad Ultra-thin DFN (5 x 6 x 0.6mm)
AT25DF641A
64-Mbit, 2.7V Minimum SPI Serial Flash Memory
with Dual–I/O Support
DATASHEET


Similar Part No. - AT25DF641A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF641A DIALOG-AT25DF641A Datasheet
869Kb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
logo
ATMEL Corporation
AT25DF641A-MH-T ATMEL-AT25DF641A-MH-T Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A-MH-T ETC2-AT25DF641A-MH-T Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
More results

Similar Description - AT25DF641A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF641A DIALOG-AT25DF641A Datasheet
869Kb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SF641 DIALOG-AT25SF641 Datasheet
5Mb / 76P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com