Electronic Components Datasheet Search
  English  ▼

X  

4304S Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4304S
Description  Solid State LED Lamps-HighBrite Low Profile T-1 3/4 (5mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4304S Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4304S Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4304S Solid State LED Lamps -HighBrite Low Profile T-1 3/4 (5mm)
E L E C T R O - O P T I CAL C HARAC TERISTICS A ND R A T INGS
All dimensions
in inches.
4
10
45
105
50
583
-
2.5
2.4
2.0
10
Yellow
Yellow
4304S 7
20
180
50
565
-
6.7
2.7
2.1
10
Green
Green
4304S 5
4304S 1
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Red
Red
10
1.9
2.4
5
7
-
635
50
105
45
Diffus ed
Diffus ed
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
Capacitance @ V =O (pF )
• High Brite
• Wide viewing angle
.185
±.015
NOM.
.100
.018 S Q.
TY P .
.200
±.010
.060
±.005
MIN.
1.00
.230
±.010
ANODE
NOM.
.050
CATHODE
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 4304S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4304S VCC-4304S Datasheet
69Kb / 1P
Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
logo
Bourns Electronic Solut...
4304S-L BOURNS-4304S-L Datasheet
36Kb / 2P
Resistor Network
logo
Visual Communications C...
4304S1 VCC-4304S1 Datasheet
69Kb / 1P
Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
4304S5 VCC-4304S5 Datasheet
69Kb / 1P
Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
4304S7 VCC-4304S7 Datasheet
69Kb / 1P
Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
More results

Similar Description - 4304S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
T-1 3/4 5mm SOLID STATE LAMPS
logo
Kingbright Corporation
L-1593 KINGBRIGHT-L-1593 Datasheet
165Kb / 5P
T-1 3/4 (5mm) SOLID STATE LAMPS
L-1503 KINGBRIGHT-L-1503 Datasheet
142Kb / 5P
T-1 3/4 (5mm) SOLID STATE LAMPS
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
T-1 3/4(5mm) SOLID STATE LAMPS
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Visual Communications C...
4300HLC VCC-4300HLC Datasheet
73Kb / 1P
Solid State LED Lamps-Low Current T-1 3/4 ( 5mm)
4304S VCC-4304S Datasheet
69Kb / 1P
Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com