Electronic Components Datasheet Search
  English  ▼

X  

AT25PE80 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # AT25PE80
Description  8-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25PE80 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button AT25PE80 Datasheet HTML 18Page - Renesas Technology Corp AT25PE80 Datasheet HTML 19Page - Renesas Technology Corp AT25PE80 Datasheet HTML 20Page - Renesas Technology Corp AT25PE80 Datasheet HTML 21Page - Renesas Technology Corp AT25PE80 Datasheet HTML 22Page - Renesas Technology Corp AT25PE80 Datasheet HTML 23Page - Renesas Technology Corp AT25PE80 Datasheet HTML 24Page - Renesas Technology Corp AT25PE80 Datasheet HTML 25Page - Renesas Technology Corp AT25PE80 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
22
AT25PE80
DS-25PE80-141D–2/2022
9.
Additional Commands
9.1
Main Memory Page to Buffer Transfer
A page of data can be transferred from the main memory to either Buffer 1 or Buffer 2. To transfer a page of data using
the optional DataFlash-L page size (264 bytes), an opcode of 53h for Buffer 1 or 55h for Buffer 2 must be clocked into the
device followed by three address bytes comprised of 3 dummy bits, 12 page address bits (PA11 - PA0) which specify the
page in main memory to be transferred, and 9 dummy bits. To transfer a page of data using the default page size (256
bytes), an opcode of 53h for Buffer 1 and 55h for Buffer 2 must be clocked into the device followed by three address
bytes comprised of 4 dummy bits, 12 page address bits (A19 - A8) which specify the page in the main memory to be
transferred, and 8 dummy bits.
The CS pin must be low while toggling the SCK pin to load the opcode and the three address bytes from the input pin
(SI). The transfer of the page of data from the main memory to the buffer will begin when the CS pin transitions from a
low to a high state. During the page transfer time (t
XFR), the RDY/BUSY bit in the Status Register can be read to
determine whether or not the transfer has been completed.
9.2
Main Memory Page to Buffer Compare
A page of data in main memory can be compared to the data in Buffer 1 or Buffer 2 as a method to ensure that data was
successfully programmed after a Buffer to Main Memory Page Program command. To compare a page of data with the
optional DataFlash-L page size (264 bytes), an opcode of 60h for Buffer 1 or 61h for Buffer 2 must be clocked into the
device followed by three address bytes comprised of 3 dummy bits, 12 page address bits (PA11 - PA0) which specify the
page in the main memory to be compared to the buffer, and 9 dummy bits. To compare a page of data with the default
page size (256 bytes), an opcode of 60h for Buffer 1 or 61h for Buffer 2 must be clocked into the device followed by three
address bytes comprised of 4 dummy bits, 12 page address bits (A19 - A8) which specify the page in the main memory
to be compared to the buffer, and 8 dummy bits.
The CS pin must be low while toggling the SCK pin to load the opcode and the address bytes from the input pin (SI). On
the low-to-high transition of the CS pin, the data bytes in the selected Main Memory Page will be compared with the data
bytes in Buffer 1 or Buffer 2. During the compare time (t
COMP), the RDY/BUSY bit in the Status Register will indicate that
the part is busy. On completion of the compare operation, bit 6 of the Status Register will be updated with the result of the
compare.
9.3
Auto Page Rewrite
This command only needs to be used if the possibility exists that static (non-changing) data may be stored in a page or
pages of a sector and the other pages of the same sector are erased and programmed a large number of times.
Applications that modify data in a random fashion within a sector may fall into this category. To preserve data integrity of
a sector, each page within a sector must be updated/rewritten at least once within every 50,000 cumulative page
erase/program operations within that sector. The Auto Page Rewrite command provides a simple and efficient method to
“refresh” a page in the main memory array in a single operation.
The Auto Page Rewrite command is a combination of the Main Memory Page to Buffer Transfer and Buffer to Main
Memory Page Program with Built-In Erase commands. With the Auto Page Rewrite command, a page of data is first
transferred from the main memory to Buffer 1 or Buffer 2 and then the same data (from Buffer 1 or Buffer 2) is
programmed back into the same page of main memory, essentially “refreshing” the contents of that page. To start the
Auto Page Rewrite operation with the optional DataFlash-L page size (264 bytes), a 1-byte opcode, 58H for Buffer 1 or
59H for Buffer 2, must be clocked into the device followed by three address bytes comprised of 3 dummy bits, 12 page
address bits (PA11-PA0) that specify the page in main memory to be rewritten, and 9 dummy bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com