Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321B Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321B Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25SF321B Datasheet HTML 24Page - Renesas Technology Corp AT25SF321B Datasheet HTML 25Page - Renesas Technology Corp AT25SF321B Datasheet HTML 26Page - Renesas Technology Corp AT25SF321B Datasheet HTML 27Page - Renesas Technology Corp AT25SF321B Datasheet HTML 28Page - Renesas Technology Corp AT25SF321B Datasheet HTML 29Page - Renesas Technology Corp AT25SF321B Datasheet HTML 30Page - Renesas Technology Corp AT25SF321B Datasheet HTML 31Page - Renesas Technology Corp AT25SF321B Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
DS-AT25SF321B-179 Rev. F
Page 28
2022-06-03
© 2022 Renesas Electronics
AT25SF321B Datasheet
8.3
Block Erase (20h, 52h, or D8h)
A block of 4, 32, or 64 kbytes can be erased (all bits set to the logical 1 state) in a single operation by using one of
three different opcodes for the Block Erase command. An opcode of 20h is used for a 4-kbytes erase, an opcode
of 52h is used for a 32-kbytes erase, and D8h is used for a 64-kbytes erase. Before a Block Erase command can
be started, the Write Enable command must have been previously issued to the device to set the WEL bit of the
Status Register to a logical 1 state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must
be clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address
within the 4- or 32- or 64-kbytes block to be erased must be clocked in. Any additional data clocked into the device
is ignored. When the CS pin is deasserted, the device erases the appropriate block. The erasing of the block is
internally self-timed and takes place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded
by the device. Therefore, for a 4-kbytes erase, address bits A11-A0 are ignored by the device, and their values
can be either a logical 1 or 0. For a 32-kbytes erase, address bits A14-A0 are ignored by the device. For a 64-
kbytes erase, address bits A15-A0 are ignored by the device. Despite the lower-order address bits not being
decoded by the device, the complete three address bytes must still be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise, the device
aborts the operation, and no erase operation is performed.
If the memory is in the protected state, the Block Erase command is not executed, and the device returns to the
idle state once the CS pin has been deasserted.
The WEL bit in the Status Register is reset to the logical 0 state if: the erase cycle aborts due to an incomplete
address being sent, the CS pin is deasserted on uneven byte boundaries, or because a memory location within
the region to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and indicates that the
device is busy. For faster throughput, it is recommended that the Status Register be polled to determine if the
device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status Register is
reset to the logical 0 state.
Figure 20. Block Erase Timing
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
AA
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com