Electronic Components Datasheet Search
  English  ▼

X  

5310F5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5310F5
Description  T-1 LED Circuit Board Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5310F5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5310F5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5310F Series T-1 LED Circuit Board Indicator
E L E C T R O - O P T I CAL C HARAC T E R ISTICS A N D R A T INGS
Features
• Block mounting, height and spacing alignment saves
assembly cost and time.
• Standoffs prevent flux entrapment.
• Press-in mounting pin secures assembly to PC board
while soldering.
Housing: Black Nylon, UL94V-O
Alternate LEDs are available in this package as
standard variations.
Mounting hole pattern on page 1-X6.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5310F1
5310F3
5310F5
5310F7
5312F1
5312F5
5312F7
5315F1
5315F5
5315F7
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Green
Yellow
10
7
16
6.3
10
7
6.3
10
7
6.3
10
10
10
10
10
10
10
10
10
10
30
30
30
30
30
30
30
30
30
30
2.0
2.2
2.2
2.1
2.0
2.2
2.1
2.0
2.2
2.1
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
5
5
5
5
5
5
5
5
5
5
650
603
562
585
650
562
585
650
562
585
DIM A
(inches)
.580
.580
.580
.580
.810
.810
.810
.550
.550
.550
ANODE (+)
ANODE (+)
ÿ. 200
PANE L
FOR P OS T
CLE ANING
.020 S T AND-OF F
±.020
DIM "A"
.115
±.015
.150 MIN.
TY P .
.020 S Q.
All dimens ions in inches .
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5310F5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5310F5 VCC-5310F5 Datasheet
108Kb / 1P
T-1 LED Circuit Board Indicator
More results

Similar Description - 5310F5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5311F CML-5311F Datasheet
22Kb / 1P
Super BriteT-1 LED Circuit Board Indicator
6321F1 CML-6321F1 Datasheet
26Kb / 1P
T-1 Circuit Board Indicator
6321F CML-6321F Datasheet
236Kb / 1P
T-1 Circuit Board Indicator
logo
Kingbright Corporation
WP7113BR6.35-GD KINGBRIGHT-WP7113BR6.35-GD Datasheet
253Kb / 4P
T-1 3/4 (5mm) VARIABLE HEIGHT LED BOARD INDICATOR
logo
Bedford Opto Technology...
ORE5005 BOT-ORE5005 Datasheet
32Kb / 2P
5mm LED CIRCUIT BOARD INDICATOR
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Visual Communications C...
5310F VCC-5310F Datasheet
108Kb / 1P
T-1 LED Circuit Board Indicator
5311F VCC-5311F Datasheet
102Kb / 1P
Super Brite T -1 LED Circuit Board Indicator
6321F VCC-6321F Datasheet
105Kb / 1P
T-1 Circuit Board Indicator
logo
Dialight Corporation
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
LED CBI Circuit Board Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com