Electronic Components Datasheet Search
  English  ▼

X  

ASMB-935 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-935
Description  Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-935 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-935 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-935 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-935
ASMB-935T2-00A1
ASMB-935I-00A1
Ordering Information
Part Number
Chipset
Memory
GbE/10GbE LAN
IPMI
Graphics
ASMB-935I-00A1
C621
24 x DDR4 RDIMM/LRDIMM
2/-
Yes
AST2500
ASMB-935T2-00A1
C622
24 x DDR4 RDIMM/LRDIMM
2/2
Yes
AST2500
Packing List
Part Number
Description
Quantity
2061093500
Driver CD
x 1
2001093500
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700019748
CPU power cable
x 2
1930008089
Screw for M.2 device
x 2
1960076488T000
I/O shield
x 1
1651003167-01
LGA3647 CPU clip
x 2
I/O View
Optional Accessories
Part Number
Description
PCA-AUDIO-HDB1E
HD audio card
PCA-TPM-00B1E
TPM 2.0 module
1960081155N001
LGA-3647 narrow CPU heatsink for 1U chassis (85W)
1960088272T001
LGA-3647 narrow CPU cooler for 2U/4U chassis (150W)
1960081603N101
LGA-3647 narrow CPU cooler for 4U chassis (205W)
1700028025-01
Dual port USB cable (45 cm) with bracket
1700028042-01
Four port USB cable (45 cm) with bracket
1700028024-01
Dual port USB 3.0 cable (45 cm) with bracket
1701090401
COM port cable with bracket
1960082347T000
For 1U chassis IO shield
Note: PCA-AUDIO-HDB1E is not compatible with Advantech 3U chassis.
Intel LGA 3647-P0
Xeon® Scalable
Processors
(CPU1)
Intel LGA 3647-P0
Xeon® Scalable
Processors
(CPU
0)
UPI
UPI
Channel 0
ECC DDR4 2133/2400/2666/2933*
Channel 1
ECC DDR4 2133/2400/2666/2933*
Channel 2
ECC DDR4 2133/2400/2666/2933*
Channel 3
ECC DDR4 2133/2400/2666/2933*
Channel 4
ECC DDR4 2133/2400/2666/2933*
Channel 5
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
ECC DDR4 2133/2400/2666/2933*
ECC DDR4 2133/2400/2666/2933*
ECC DDR4 2133/2400/2666/2933*
ECC DDR4 2133/2400/2666/2933*
ECC DDR4 2133/2400/2666/2933*
ECC DDR4 2133/2400/2666/2933*
ECC DDR4 2133/2400/2666/2933*
PCIe x16 Slot
PCIe Gen3 x16
Slot 1
PCIe x16 Slot
PCIe Gen3 x16
PCIe Gen3 x16
PCIe Gen3 x16
PCIe Gen3 x8
Slot 2
PCIe x16 Slot
Slot 3
PCIe x16 Slot
Slot 6
PCIe x8 Slot
Slot 4
PCIe x16 Slot
PCIe Gen3 x16
Slot 5
SATA3.0
Intel C621/C622 PCH
10GbE
LAN3/4: X557
10 x SATA3.0
USB 3.0
6 x USB3.0
(4 Rear / 2 Header)
sSATA
PCIe Gen3 x4
1 x M.2 2280
USB 2.0
5 x USB2.0
(5 Header / 1 Type A)
HD Audio
HD Conn.
* Max. 12 DIMMs in 1DPC conguration support 2933 MHz
GbE LAN1: I210
MDI
RJ45
1G/10G
MDI
RJ45
1G/10G
MDI
RJ45
10M/100M/1G
NC-SI
USB 2.0
PCIe Gen3 x1
BMC
AST2500
SPI
SPI Flash 32MB
DDR4
DRAM
RGB
VGA Conn.
LPC Conn.
2 x RS-232 Header/Conn.
EC
IT8528E
SPI BIOS
8 bit GPIO Pin Header
PS/2 KB, MS
256Mb
LPC BUS
KR
PCIe Gen1 x1
GbE LAN2: I210
MDI
RJ45
10M/100M/1G
PCIe Gen1 x1
7 x FAN Conn.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com