Electronic Components Datasheet Search
  English  ▼

X  

5325F3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5325F3
Description  Super Brite T-1 LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5325F3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5325F3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D E S C R I P T I O N A N D F E A T U R E S
5325F Series Super Brite T-1 LED Assembly
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R A T I N G S
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5325F1
5325F3
5325F5
5325F7
Red
Amber
Green
Yellow
10.0
4.0
8.5
10.0
10
10
10
10
25
30
25
20
2.2
2.2
2.3
2.2
3.0
3.0
3.0
3.0
5
5
5
5
635
603
565
583
Features
World's smallest T-1 Right Angle LED Assembly
• Permits installation in tight spaces.
• Compatible with PCMCIA type III and IV cards.
• Leightweight
Precise Alignment
• Press-in mounting pin for perfect location.
• Side-stackable on .150" centers.
Solid State Reliability
• 100K+ hour MTBF
• UL94V-O rated housing
Alternate LEDs are also available in this package
as standard variations.
Mounting hole pattern on page 1-X7.
All dimensions in inches.
ANODE
.150
TYP2
.100/.085
TYP2
.080
.117
.050
.118
.093
.216
.305
±.030
.166
LED
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5325F3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5325F3 VCC-5325F3 Datasheet
107Kb / 1P
Super Brite T-1 LED Assembly
More results

Similar Description - 5325F3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4318F1 CML-4318F1 Datasheet
26Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
5341H1 CML-5341H1 Datasheet
23Kb / 1P
T-1 3/4 Ultra Brite LED
4361H1 CML-4361H1 Datasheet
66Kb / 1P
High Brite Tri-Color T-1 3/4 LED Lamps
logo
Visual Communications C...
4301F1-5 VCC-4301F1-5 Datasheet
57Kb / 1P
Solid State LED Lamps Bi-Color Super Brite T-1 (3mm)
4303F VCC-4303F Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4304H VCC-4304H Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
4318 VCC-4318 Datasheet
77Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
5311F VCC-5311F Datasheet
102Kb / 1P
Super Brite T -1 LED Circuit Board Indicator
5325F VCC-5325F Datasheet
107Kb / 1P
Super Brite T-1 LED Assembly
5341H VCC-5341H Datasheet
542Kb / 1P
T-1 3/4 Ultra Brite LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com