Electronic Components Datasheet Search
  English  ▼

X  

49FCT805 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 49FCT805
Description  FAST CMOS BUFFER/CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

49FCT805 Datasheet(HTML) 2 Page - Renesas Technology Corp

  49FCT805 Datasheet HTML 1Page - Renesas Technology Corp 49FCT805 Datasheet HTML 2Page - Renesas Technology Corp 49FCT805 Datasheet HTML 3Page - Renesas Technology Corp 49FCT805 Datasheet HTML 4Page - Renesas Technology Corp 49FCT805 Datasheet HTML 5Page - Renesas Technology Corp 49FCT805 Datasheet HTML 6Page - Renesas Technology Corp 49FCT805 Datasheet HTML 7Page - Renesas Technology Corp 49FCT805 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT49FCT805/A
FAST CMOSBUFFER/CLOCKDRIVER
VCCA
OA1
OA2
GNDA
(1)
INA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
OA3
OA4
OA5
OEA
VCC
OB1
GNDB
MON
INB
OB2
OB3
OB4
OB5
OEB
NC
NOTE:
1. Pin 8 is not internally connected on devices with a "K" prefix in the date code. On older
devices, pin 8 is internally connected to GND. To insure compatibility with all products,
pin 8 should be connected to GND at the board level.
PIN DESCRIPTION
Pin Names
Description
OEA
, OEB
3-StateOutputEnableInputs(ActiveLOW)
INA, INB
Clock Inputs
OAn, OBn
ClockOutputs
MON
MonitorOutput
FUNCTION TABLE(1)
Inputs
Outputs
OE
A
, OEB
INA, INB
OAn, OBn
MON
LLL
L
LH
H
H
HL
Z
L
HH
Z
H
NOTE:
1. H = HIGH
L = LOW
Z = High-Impedance
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM(2)
TerminalVoltagewithRespecttoGND
–0.5 to +7
V
VTERM(3)
TerminalVoltagewithRespecttoGND
–0.5toVCC+0.5
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+60
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Input and VCC terminals.
3. Output and I/O terminals.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
4.5
6
pF
COUT
OutputCapacitance
VOUT = 0V
5.5
8
pF
NOTE:
1. This parameter is measured at characterization but not tested.
PIN CONFIGURATION
SOIC/ SSOP
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com