Electronic Components Datasheet Search
  English  ▼

X  

5361 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5361
Description  Tri-Color Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5361 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5361 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5361 Series Tri-Color Right Angle LED Assembly
E L E C T R O - O P T I CAL C HARAC T E R ISTICS A N D R A T INGS
Features
• 3 lead, dual-chip LEDwith common cathode
• Lights red or green.
• Brightness-matched chips for even
illumination.
• Flat lens styles.
• Provides multiple indications in a single
compact package.
Part
Number
Color
Package
Type
Package
Color
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Rated
Current
(mA)
Min. Lum.
Intensity
(mcd)
5361M1/5
Red
Green
Diffused
Diffused
White
White
30
30
2.0
2.1
2.5
2.5
20
20
650
562
Typ. Lum.
Intensity
(mcd)
5
5
All dimensions in inches.
THE R MOP LAS TIC
HOUS ING : B LAC K
LE D: R E D/G R E E N B IC OLOR
ANODE (R E D)
CAT HODE (COMMON)
ANODE (G R E E N)
.280
.190
(.095)
.380
.080
.180
.075
±.010
.075
±.010
.100
±.015
.080
.150
.180
±.015
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5361

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5361 VCC-5361 Datasheet
103Kb / 1P
Tri-Color Right Angle LED Assembly
logo
Mallory performance clu...
5361 MALLORY-5361 Datasheet
1Mb / 1P
DynaForceTM 120 and 160 Amp Alternators
logo
Lapp.
53611001 LAPP-53611001 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
53611005 LAPP-53611005 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
53611006 LAPP-53611006 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
More results

Similar Description - 5361

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1313F ETC1-1313F Datasheet
1Mb / 17P
RIGHT ANGLE TYPE TRI-COLOR
logo
IDEA.lnc.
G95XB IDEA-G95XB Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-Color & Tri-Color PCB Mount Right Angle LED Array
logo
Dialight Corporation
598-8810-307F DIALIGHT-598-8810-307F Datasheet
1Mb / 2P
Micro LED SMD LED (3.2mm X 1.5mm X 1.0mm) Tri-Color Right Angle
logo
Visual Communications C...
5361 VCC-5361 Datasheet
103Kb / 1P
Tri-Color Right Angle LED Assembly
6300 VCC-6300 Datasheet
79Kb / 1P
Tri-Color Rectangular LED Assembly
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
TRI COLOR LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
RGB tri-color emitting LED
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
RGB tri-color emitting LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com