Electronic Components Datasheet Search
  English  ▼

X  

70V09 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 70V09
Description  HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V09 Datasheet(HTML) 1 Page - Renesas Technology Corp

  70V09 Datasheet HTML 1Page - Renesas Technology Corp 70V09 Datasheet HTML 2Page - Renesas Technology Corp 70V09 Datasheet HTML 3Page - Renesas Technology Corp 70V09 Datasheet HTML 4Page - Renesas Technology Corp 70V09 Datasheet HTML 5Page - Renesas Technology Corp 70V09 Datasheet HTML 6Page - Renesas Technology Corp 70V09 Datasheet HTML 7Page - Renesas Technology Corp 70V09 Datasheet HTML 8Page - Renesas Technology Corp 70V09 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
©2019 Integrated Device Technology, Inc.
1
JUNE 2019
DSC-4852/8
I/O
Control
Address
Decoder
128Kx8
MEMORY
ARRAY
70V09
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE 0L
OEL
R/
WL
A16L
A0L
I/O 0-7L
SEML
INTL
(2)
BUSYL
(1,2)
R/
W L
CE0L
OEL
I/O
Control
Address
Decoder
OER
R/
WR
CE0R
A16R
A 0R
I/O 0-7R
SEMR
INT R
(2)
R
BUSY
(1,2)
M/
S
(1)
CE1L
R/
WR
CE0R
OER
CE1R
4852 drw 01
1L
CE
1R
CE
17
17
Functional Block Diagram
◆
◆
◆
◆
◆
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
◆
◆
◆
◆
◆
Busy and Interrupt Flags
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
LVTTL-compatible, single 3.3V (±0.3V) power supply
◆
◆
◆
◆
◆
Available in a 100-pin TQFP
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
Green parts available, see ordering information
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Commercial: 15ns (max.)
– Industrial: 20ns (max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT70V09L
Active: 440mW (typ.)
Standby: 660µW (typ.)
◆
◆
◆
◆
◆
Dual chip enables allow for depth expansion without
external logic
◆
◆
◆
◆
◆
IDT70V09 easily expands data bus width to 16 bits or
more using the Master/Slave select when cascading more
than one device
HIGH-SPEED 3.3V
128K x 8 DUAL-PORT
STATIC RAM
70V09L
NOTES:
1. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
2. BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - 70V09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V09L15PFG IDT-70V09L15PFG Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFG IDT-70V09L15PFG Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFG8 IDT-70V09L15PFG8 Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFG8 IDT-70V09L15PFG8 Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
70V09L15PFGI IDT-70V09L15PFGI Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_13 Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com