Electronic Components Datasheet Search
  English  ▼

X  

70V37 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 70V37
Description  HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V37 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 70V37 Datasheet HTML 9Page - Renesas Technology Corp 70V37 Datasheet HTML 10Page - Renesas Technology Corp 70V37 Datasheet HTML 11Page - Renesas Technology Corp 70V37 Datasheet HTML 12Page - Renesas Technology Corp 70V37 Datasheet HTML 13Page - Renesas Technology Corp 70V37 Datasheet HTML 14Page - Renesas Technology Corp 70V37 Datasheet HTML 15Page - Renesas Technology Corp 70V37 Datasheet HTML 16Page - Renesas Technology Corp 70V37 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
6.42
70V37L
High-Speed 3.3V 32K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
13
Truth Table IV — Interrupt Flag(1,4,5)
Waveform of Interrupt Timing(1,5)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. Refer to Interrupt Truth Table.
3. Timing depends on which enable signal (CE or R/W) is asserted last.
4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
5. Refer to Truth Table I - Chip Enable.
NOTES:
1. Assumes BUSYL = BUSYR =VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
4. INTL and INTR must be initialized at power-up.
5. Refer to Truth Table I - Chip Enable.
4851 drw 15
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"
R/
W"A"
tAS
tWC
tWR
(3)
(4)
tINS
(3)
INT"B"
(2)
4851 drw 16
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"
OE"B"
tAS
tRC
(3)
tINR
(3)
INT"B"
(2)
Left Port
Right Port
Function
R/WL
CEL
OEL
A14L-A0L
INTL
R/WR
CER
OER
A14R-A0R
INTR
L
L
X
7FFF
XX
XX
X
L(2)
Set Right INTR Flag
X
X
X
X
X
X
L
L
7FFF
H(3)
Reset Right INTR Flag
XX
X
X
L(3)
L
L
X
7FFE
X
Set Left INTL Flag
XL
L
7FFE
H(2)
X
X
X
X
X
Reset Left INTL Flag
4851 tbl 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com