Electronic Components Datasheet Search
  English  ▼

X  

5632 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5632
Description  Stackable Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5632 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5632 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5632 Series Stackable Right Angle LED Assembly
ELECTRO-OP TIC A L CH A R A CTERISTICS A N D R A T INGS
Features
• Stackable 1 to 14 positions.
• Designed to align with right angle DIP switches.
• Indicates status on/off, offered in red, green or yellow.
• 100° viewing angle, diffused epoxy.
• Standoffs prevent flux entrapment.
• High contrast black housing meets UL94V-O and Bellcore flammability ratings.
Mounting hole pattern on page 1-X6.
All dimensions in inches.
585
562
600
635
3.0
3.0
3.0
3.0
2.0
2.1
2.2
2.0
5
5
5
5
30
35
30
35
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
C ontinuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5632D1
5632D3
5632D5
5632D7
Typical
Intens ity
(mcd)
4
4
4
4
20
20
20
20
Rated
Current
(mA)
ANODE (+)
.125
±.020
.540
.660
.150
±.020
TY P .6
.100
R AT E D UL 94-V O
POLY E S T E R
THE R MOP LAS TIC
MAT 'L: B LAC K
HOLDE R
.050
.060
.620
.350
.470*
TY P .
.100
*this dimens ion for s tack of 4
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5632

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5632 VCC-5632 Datasheet
89Kb / 1P
Stackable Right Angle LED Assembly
logo
Adafruit Industries
5632 ADAFRUIT-5632 Datasheet
186Kb / 2P
QSPI DIP BREAKOUT BOARD - W25Q16 - 16 MBIT 2 MBYTE - W25Q16JVSSIQ
logo
Bourns Electronic Solut...
5632-RC BOURNS-5632-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Elma Electronic Ltd
5632012T00REDBNNE ELMA-5632012T00REDBNNE Datasheet
969Kb / 2P
SINGLE SLOT 6U VPX BOARD
5632012T00REDBNNO ELMA-5632012T00REDBNNO Datasheet
969Kb / 2P
SINGLE SLOT 6U VPX BOARD
More results

Similar Description - 5632

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5350T1 CML-5350T1 Datasheet
26Kb / 1P
T3/4 Right Angle LED Assembly
5620R1 CML-5620R1 Datasheet
26Kb / 1P
Rectangular Right Angle LED Assembly
5636D1 CML-5636D1 Datasheet
24Kb / 1P
Right Angle LED Assembly
5361 CML-5361 Datasheet
67Kb / 1P
Tri-Color Right Angle LED Assembly
logo
Visual Communications C...
5350 VCC-5350 Datasheet
82Kb / 1P
T3/4 Right Angle LED Assembly
5361 VCC-5361 Datasheet
103Kb / 1P
Tri-Color Right Angle LED Assembly
5620R VCC-5620R Datasheet
120Kb / 1P
Rectangular Right Angle LED Assembly
5632 VCC-5632 Datasheet
89Kb / 1P
Stackable Right Angle LED Assembly
5635 VCC-5635 Datasheet
78Kb / 1P
Right Angle LED Assembly
5636 VCC-5636 Datasheet
88Kb / 1P
Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com