Electronic Components Datasheet Search
  English  ▼

X  

71V016SA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71V016SA
Description  3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V016SA Datasheet(HTML) 2 Page - Renesas Technology Corp

  71V016SA Datasheet HTML 1Page - Renesas Technology Corp 71V016SA Datasheet HTML 2Page - Renesas Technology Corp 71V016SA Datasheet HTML 3Page - Renesas Technology Corp 71V016SA Datasheet HTML 4Page - Renesas Technology Corp 71V016SA Datasheet HTML 5Page - Renesas Technology Corp 71V016SA Datasheet HTML 6Page - Renesas Technology Corp 71V016SA Datasheet HTML 7Page - Renesas Technology Corp 71V016SA Datasheet HTML 8Page - Renesas Technology Corp 71V016SA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
71V016SA, 3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
Jun.23.20
1
2
3
456
A
BLE
OE
A0
A1
A2
NC
BI/O8
BHE
A3
A4
CS
I/O0
CI/O9
I/O10
A5
A6
I/O1
I/O2
DVSS
I/O11
NC
A7
I/O3
VDD
EVDD
I/O12
NC
NC
I/O4
VSS
FI/O14
I/O13
A14
A15
I/O5
I/O6
G
I/O15
NC
A12
A13
WE
I/O7
HNC
A8
A9
A10
A11
NC
3834 tbl 02a
Pin Configurations - PBG44, PHG44(1)
SOJ/TSOP
Top View
Pin Description
Truth Table(1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
I/O7
NC
A12
A13
A14
A15
WE
I/O6
I/O5
I/O4
VSS
VDD
I/O3
I/O2
I/O1
I/O0
CS
A0
A1
A2
A3
A4
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A6
A7
OE
BHE
BLE
I/O15
I/O14
I/O13
I/O12
VSS
VDD
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
NC
A5
NC
PBG44
PHG44
3834 drw 02
71V016SA
NOTE:
1. H = VIH, L = VIL, X = Don't care.
A0 – A15
Address Inputs
Input
CS
Chip Select
Input
WE
Write Enable
Input
OE
Output Enable
Input
BHE
High Byte Enable
Input
BLE
Low Byte Enable
Input
I/O0 – I/O15
Data Input/Output
I/O
VDD
3.3V Power
Power
VSS
Ground
Gnd
3834 tbl 01
CS
OE
WE
BLE
BHE
I/O0-I/O7
I/O8-I/O15
Function
H
X
X
X
X
High-Z
High-Z
Deselected – Standby
LL
H
L
H
DATAOUT
High-Z
Low Byte Read
L
L
H
H
L
High-Z
DATAOUT
High Byte Read
LL
H
L
L
DATAOUT
DATAOUT
Word Read
LX
L
L
L
DATAIN
DATAIN
Word Write
LX
L
L
H
DATAIN
High-Z
Low Byte Write
L
X
L
H
L
High-Z
DATAIN
High Byte Write
L
H
H
X
X
High-Z
High-Z
Outputs Disabled
L
X
X
H
H
High-Z
High-Z
Outputs Disabled
3834 tbl 02
FBGA(BF48,BFG48)(1)
Top View
NOTE:
1. This text does not indicate orientation of actual part-marking.
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com