Electronic Components Datasheet Search
  English  ▼

X  

71V124SA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71V124SA
Description  3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V124SA Datasheet(HTML) 2 Page - Renesas Technology Corp

  71V124SA Datasheet HTML 1Page - Renesas Technology Corp 71V124SA Datasheet HTML 2Page - Renesas Technology Corp 71V124SA Datasheet HTML 3Page - Renesas Technology Corp 71V124SA Datasheet HTML 4Page - Renesas Technology Corp 71V124SA Datasheet HTML 5Page - Renesas Technology Corp 71V124SA Datasheet HTML 6Page - Renesas Technology Corp 71V124SA Datasheet HTML 7Page - Renesas Technology Corp 71V124SA Datasheet HTML 8Page - Renesas Technology Corp 71V124SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
71V124SA, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Commercial and Industrial Temperature Ranges
Jun.30.20
Truth Table(1)
Recommended DC Operating
Conditions
Absolute Maximum Ratings(1)
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
Pin Configurations(1)
SOJ and TSOP
Top View
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
NOTE:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative
to GND
-0.5 to +4.6
V
VIN, VOUT
Terminal Voltage Relative
to GND
-0.5 to VDD+0.5
V
TA
Commercial
Operating Temperature
-0 to +70
o
C
Industrial
Operating Temperature
-40 to +85
TBIAS
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-55 to +125
o
C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
3873 tbl 02
NOTE:
1. H = VIH, L = VIL, X = Don't care.
CS
OE
WE
I/O
Function
LL
H
DATAOUT Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected – Standby
3873 tbl 01
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3873 tbl 03
NOTES:
1. For 71V124SA10 only.
2. For all speed grades except 71V124SA10.
3. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle.
4. VIL (min.) = –2V for pulse width less than 5ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD(1)
Supply Voltage
3.15
3.3
3.6
V
VDD(2)
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3(3)
V
VIL
Input Low Voltage
–0.5(1)
____
0.8
V
3873 tbl 04
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = GND to VDD
___
5µA
|ILO|
Output Leakage Current
VDD = Max.,CS = VIH, VOUT = GND to VDD
___
5µA
VOL
Output Low Voltage
IOL = 8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = –4mA, VDD = Min.
2.4
___
V
3873 tbl 05
RecommendedOperating
Temperature and Supply Voltage
Grade
Temperature
GND
VDD
Commercial
0°C to +70°C
0V
See Below
Industrial
-40°C to +85°C
0V
See Below
3873 tbl 02a
5
6
7
8
9
10
11
12
A0
A1
A2
1
2
3
4
32
31
30
29
28
27
26
25
24
23
22
21
A15
A3
CS
I/O1
VDD
A14
OE
I/O7
I/O6
GND
I/O5
3873 drw 02
GND
13
20
14
19
15
18
16
A7
17
I/O2
I/O3
WE
A4
A5
A6
A12
A11
A10
A9
A8
PJG32
PBG32
PHG32
I/O0
A16
A13
VDD
I/O4
71V124
NOTE:
1. This text does not indicate oriebtation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com