Electronic Components Datasheet Search
  English  ▼

X  

71V256SA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71V256SA
Description  Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V256SA Datasheet(HTML) 2 Page - Renesas Technology Corp

  71V256SA Datasheet HTML 1Page - Renesas Technology Corp 71V256SA Datasheet HTML 2Page - Renesas Technology Corp 71V256SA Datasheet HTML 3Page - Renesas Technology Corp 71V256SA Datasheet HTML 4Page - Renesas Technology Corp 71V256SA Datasheet HTML 5Page - Renesas Technology Corp 71V256SA Datasheet HTML 6Page - Renesas Technology Corp 71V256SA Datasheet HTML 7Page - Renesas Technology Corp 71V256SA Datasheet HTML 8Page - Renesas Technology Corp 71V256SA Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
71V256SA
3.3V CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
Jun.02.20
RecommendedOperating
Temperature and Supply Voltage
Pin Configurations(1)
Absolute Maximum Ratings(1)
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
Truth Table(1)
DIP/SOJ
Top View
Pin Descriptions
TSOP
Top View
3101 drw 02
5
6
7
8
9
10
11
12
A 12
1
2
3
4
24
23
22
21
20
19
18
17
71V256SA
13
14
28
27
26
25
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
I/O0
I/O1
V CC
WE
A 8
A 9
A 11
OE
A 10
CS
I/O7
16
15
I/O2
GN D
I/O6
I/O5
I/O4
I/O3
A 14
A 13
PJ G2 8
3101 drw 03
22
23
24
25
26
27
28
1
2
3
4
5
7
6
21
20
19
18
17
16
15
14
13
12
11
10
9
8
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
71V256SA
OE
A11
A9
A8
A13
A14
A7
A6
A5
A4
A3
A12
WE
VCC
PZG28
Name
Description
A0 - A14
Addresses
I/O0 - I/O7
Data Input/Output
CS
Chip Select
WE
Write Enable
OE
Output Enable
GND
Ground
VCC
Power
3101 tbl 01
NOTE:
1. H = VIH, L = VIL, X = Don’t Care
WE
CS
OE
I/O
Function
X
H
X
High-Z
Standby (ISB)
XVHC
X
High-Z
Standby (ISB1)
H
L
H
High-Z
Output Disable
HL
L
DOUT
Read
LL
X
DIN
Write
3101 tbl 02
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. Input, Output, and I/O terminals; 4.6V maximum.
Symbol
Rating
Com'l
Unit
VCC
Supply Voltage
Relative to GND
-0.5 to +4.6
V
VTERM(2)
Terminal Voltage
Relative to GND
-0.5 to VCC+0.5
V
TBIAS
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-55 to +125
o
C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
50
mA
3101 tbl 03
NOTE:
1. This parameter is determined by device characterization, but is not production
tested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
COUT
Output Capacitance
VOUT = 3dV
7
pF
3101 tbl 04
Grade
Temperature
GND
Vcc
Commercial
0OC to +70OC
0V
3.3V ± 0.3V
Industrial
-40OC to +85OC
0V
3.3V ± 0.3V
3101 tbl 05
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com