Electronic Components Datasheet Search
  English  ▼

X  

71V424 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71V424
Description  3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V424 Datasheet(HTML) 2 Page - Renesas Technology Corp

  71V424 Datasheet HTML 1Page - Renesas Technology Corp 71V424 Datasheet HTML 2Page - Renesas Technology Corp 71V424 Datasheet HTML 3Page - Renesas Technology Corp 71V424 Datasheet HTML 4Page - Renesas Technology Corp 71V424 Datasheet HTML 5Page - Renesas Technology Corp 71V424 Datasheet HTML 6Page - Renesas Technology Corp 71V424 Datasheet HTML 7Page - Renesas Technology Corp 71V424 Datasheet HTML 8Page - Renesas Technology Corp 71V424 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6.42
2
71V424S, 71V424L, 3.3V CMOS Static RAM
4 Meg (512K x 8-bit)
Commercial and Industrial Temperature Ranges
May.04.21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A5
NC
NC
A9
A8
A7
WE
I/03
I/02
VSS
VDD
I/01
I/00
CS
A2
A1
A0
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
NC
A15
OE
I/07
I/06
VSS
VDD
I/05
I/04
A14
A13
A11
A10
NC
NC
NC
NC
A12
3622 drw 11
NC
NC
A3
A4
A6
A16
A17
A18
PHG44
71V424
A0
A1
A2
A3
CS
I/O0
VDD
VSS
I/O2
WE
A4
A5
A6
A7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
A18
A17
A16
OE
I/O7
I/O6
VSS
VDD
I/O5
A14
A13
A12
A11
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
PBG36
17
18
19
20
I/O1
I/O3
I/O4
NC
A8
A9
A10
A15
3622 drw 02
71V424
SOJ
Top View
Pin Configurations(1)
Truth Table(1,2)
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
TSOP
Top View
A0 – A18
Address Inputs
Input
CS
Chip Select
Input
WE
Write Enable
Input
OE
Output Enable
Input
I/O0 - I/O7
Data Input/Output
I/O
VDD
3.3V Power
Power
VSS
Ground
Gnd
3622 tbl 02
Pin Description
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
3622 tbl 03
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
CS
OE
WE
I/O
Function
LL
H
DATAOUT Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected - Standby (ISB)
VHC(3)
X
X
High-Z
Deselected - Standby (ISB1)
3622 tbl 01
NOTES:
1. H = VIH, L = VIL, x = Don't care.
2. VLC = 0.2V, VHC = VDD -0.2V.
3. Other inputs
≥VHC or ≤VLC.
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com