Electronic Components Datasheet Search
  English  ▼

X  

5680F7 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5680F7
Description  T-1 2 High Right Angle Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5680F7 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5680F7 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5680F Series T-1 2 High Right Angle Assembly
E L E C T R O - O P T I CAL C HARAC TERISTICS A ND R A T INGS
585
562
603
650
3.0
3.0
3.0
3.0
2.1
2.2
2.0
2.0
5.0
5.0
5.0
5.0
30
30
30
30
10
10
10
10
Yellow/Y ellow
Green/Green
Amber/Amber
Red/Red
(V )
Max.
(V )
Typ.
C ontinuous
Forward
Current Max.
(mA)
Rated
Current
(mA)
Revers e
Breakdown
Voltage Min.(V)
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5680F 1;1
5680F 3;3
5680F 5;5
5680F 7;7
6.3
16
7
10.0
Typical
Intens ity
(mcd)
Model No. is as follows : 5680F
;
T he model numbers lis ted above are s tandard off the s helf parts , for the us er who may have a requirement calling for
various color/electrical s pecifications , a part number can be determined by referring to the chart s hown below.
LE D 1
LE D 2
Features :
• 2 T -1 LE Ds mounted in s ingle block.
• L es s P C board s pace needed, height and
spacing alignment saves assembly cos t.
• High B rite and S uper B rite LE Ds , diffus ed lens .
• S tandoffs prevent flux entrapment.
• B l ack Nylon plas tic block, UL94V -O
Alternate LE Ds are als o available in this package
as a s tandard variation.
Mounting hole pattern on page 1-X 6.
655
583
565
650
7.5
2.7
2.2
2.2
5.0
1.9
1.8
2.2
5
5
5
5
20
7
7
7
10.0
2.0
2.0
2.0
1-5V
7LC
5LC
1LC
(V )
Max.
(V )
Typ.
Forward
Current Max.
(mA)
Rated
Current
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
LE D
Code
LE D C olor
Red
G reen
Yellow
Red
Typical
Intens ity
(mcd)
2.5
2.1
1.8
8.0
603
635
565
583
3.0
3.0
7.5
7.5
2.0
2.0
5.0
5.0
5
5
5
5
30
30
15
15
10.0
10.0
10.0
10.0
3
1
5-5V
3-5V
Amber
G reen
Red
Amber
8.0
8.0
10
7
583
562
3.0
3.0
2.1
2.2
5
5
30
30
10.0
10.0
7
5
Green
Y ellow
16
6.3
All dimensions in inches.
LE D P OS IT ION 2
SQ T Y P .
.020
CAT HODE
LE D P OS IT ION 1
Ø.120
.360
MAX
.100
.100
.200
.175
±.015
.390
.100
.200
.100
MAX
.200
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 5680F7

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5680F7-7 VCC-5680F7-7 Datasheet
85Kb / 1P
High Right Angle Assembly
More results

Similar Description - 5680F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5322F1 CML-5322F1 Datasheet
28Kb / 1P
T-1 Right Angle LED Assembly
5600F1 CML-5600F1 Datasheet
23Kb / 1P
T-1 Right Angle LED Assembly
5655F1 CML-5655F1 Datasheet
26Kb / 1P
T-1 Right Angle LED Assembly
5365 CML-5365 Datasheet
67Kb / 1P
T-1 Right Angle 2 Wide LED Assembly
5670 CML-5670 Datasheet
59Kb / 1P
T-1 3/4 Right Angle 2 High LED Assembly
5681F CML-5681F Datasheet
241Kb / 1P
T-1 2 High Right Angle Asembly
logo
Visual Communications C...
5365 VCC-5365 Datasheet
81Kb / 1P
T-1 Right Angle 2 Wide LED Assembly
5600 VCC-5600 Datasheet
94Kb / 1P
T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
T-1 Right Angle LED Assembly
5681F VCC-5681F Datasheet
155Kb / 1P
T-1 2 High Right Angle Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com