Electronic Components Datasheet Search
  English  ▼

X  

FTD2003 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FTD2003
Description  N- Channel Silicon MOS FET Very High Speed-Switchng
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2003 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FTD2003 Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications and information herein are subject to change without notice.
981221TM2fXHD
Absolute Maximum Ratings / Ta=25
°C
Drain to Source Voltage
Gate to Source Voltage
Drain Current(DC)
Drain Current(Pulse)
Allowable power Dissipation
Total Dissipation
Channel Temperature
Storage Temperature
V
V
A
A
W
W
°C
°C
Electrical Characteristics / Ta=25
°C
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate to Source Leakage Current
Cutoff Voltage
Forward Transfer Admittance
Static Drain to Source
On State Resistance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-ON Delay Time
Rise Time
Turn-OFF Delay Time
Fall Time
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Diode Forward Voltage
Switching Time Test Circuit
VDSS
VGSS
ID
IDP
PD
PT
Tch
Tstg
TENTATIVE
PW
≤10µS, dutycycle≤1%
Mounted on ceramic board
(1000mm2 ! 0.8mm) 1unit
Mounted on ceramic board
(1000mm2 ! 0.8mm)
unit
Features
20
±10
2.2
8.8
0.8
1.0
150
--55 to +150
(
)
min
typ
max
unit
20
0.4
3.8
V
µA
µA
V
S
m
Ω
m
Ω
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
V(BR)DSS
IDSS
IGSS
VGS(off)
| yfs |
RDS(on) 1
RDS(on) 2
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
VSD
ID=1mA
, VGS=0
VDS=20V
, VGS=0
VGS=
±8V , VDS=0
VDS=10V
, ID=1mA
VDS=10V
, ID=2.2A
ID=2.2A
, VGS=4V
ID=0.5A
, VGS=2.5V
VDS=10V
, f=1MHz
VDS=10V
, f=1MHz
VDS=10V
, f=1MHz
See Specified Test
Circuit
VDS=10V, VGS=10V, ID=2.2A
IS=2.2A
, VGS=0
N- Channel Silicon MOS FET
Very High Speed-Switchng
5.5
100
130
170
90
43
10
38
30
26
9.5
1
1.5
1.0
10
±10
1.3
130
180
1.2
50
Ω
P.G
FTD2003
S
G
D
VOUT
VDD=10V
VIN
ID=2.2A
RL=4.5
Ω
PW=10
µS
D.C.
≤1%
VIN
4V
0V
FTD2003
Case Outline
TSSOP8(unit:mm)
Electrical Connection
D2
S2
S2
G2
D1
S1
S1
G1
1 : Drain1
2 : Source1
3 : Source1
4 : Gate1
5 : Gate2
6 : Source2
7 : Source2
8 : Drain2
0.425
5
3.0
0.125
0.25
0.65
6
7
8
4
3
2
1
Marking : D2003
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10,1 Chome, Ueno, taito-ku, 110 JAPAN
• Low ON-state resistance.
• 2.5V drive.
• Mount height of 1.1mm.
• Complex Type enabling high density mount


Similar Part No. - FTD2003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2005 SANYO-FTD2005 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
FTD2007 SANYO-FTD2007 Datasheet
34Kb / 4P
Ultrahigh-Speed Switching Applications
FTD2008 SANYO-FTD2008 Datasheet
29Kb / 4P
DC / DC Converter Applications
More results

Similar Description - FTD2003

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
Silicon N Channel MOS FET High Speed Switching
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
2SJ406 SANYO-2SJ406 Datasheet
12Kb / 1P
P- Channel Silicon MOS FET Very High-Speed Switching Applications
FW306 SANYO-FW306 Datasheet
17Kb / 2P
N- Channel Silicon MOS FET High Speed Switching
2SK2618LS SANYO-2SK2618LS Datasheet
9Kb / 1P
N- Channel MOS Silicon FET Very High-Speed Switching Applications
logo
Renesas Technology Corp
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
Silicon N Channel MOS FET High Speed Switching
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
Silicon N Channel MOS FET High Speed Switching
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com