Electronic Components Datasheet Search
  English  ▼

X  

6310 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 6310
Description  2 x 5 Rectangular Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

6310 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  6310 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
6310 Series 2 x 5 Rectangular Right Angle LED Assembly
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A T INGS
585
565
635
3.0
3.0
3.0
2.1
2.2
2.0
5
5
5
25
30
35
Y ellow
Green
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
6310D1
6310D5
6310D7
Typical
Intens ity
(mcd)
4
4
4
20
20
20
Rated
C urrent
(mA)
Features
• Block mounting design assures height and side-by-side spacing-alignment
saves assembly costs.
• Flat rectangular LED face has even light distribution.
• Press-in mounting pin secures assembly to PCboard while being soldered.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Mounting hole pattern on page 1-X7.
All dimensions in inches.
.270
.200
.100
.430
.250
.350
.024 S Q.
.215
.290
.190
.100
ANODE (+)
.160
±.015
.080
RE C T ANG ULAR LE D
2mm X 5mm
CAT HODE (-)
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 6310

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6310 VCC-6310 Datasheet
82Kb / 1P
Series 2 x 5 Rectangular Right Angle LED Assembly
logo
Heyco.
6310 HEYCO-6310 Datasheet
210Kb / 1P
Male/Female Combination Terminals - 27 Gauge
logo
Alpha Wire
6310 ALPHAWIRE-6310 Datasheet
411Kb / 4P
24 (7/32) AWG Tinned Copper
logo
Bourns Electronic Solut...
6310-RC BOURNS-6310-RC Datasheet
426Kb / 1P
Varnished Chokes
logo
Ashcroft, Inc.
631008A02BXBI ASHCROFT-631008A02BXBI Datasheet
995Kb / 5P
1008A/AL Pressure Gauge
RevE_12-20-22
More results

Similar Description - 6310

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5620R1 CML-5620R1 Datasheet
26Kb / 1P
Rectangular Right Angle LED Assembly
5635D1 CML-5635D1 Datasheet
25Kb / 1P
2 X 5 Rectangular Right Angle LED Assembly
5639D1 CML-5639D1 Datasheet
25Kb / 1P
Rectangular Bicolor Right Angle LED Assembly
5630 CML-5630 Datasheet
66Kb / 1P
2 X 5 Rectangular LED Assembly
logo
Visual Communications C...
5620R VCC-5620R Datasheet
120Kb / 1P
Rectangular Right Angle LED Assembly
5630 VCC-5630 Datasheet
86Kb / 1P
2 X 5 Rectangular LED Assembly
5639 VCC-5639 Datasheet
81Kb / 1P
Rectangular Bicolor Right Angle LED Assembly
6310 VCC-6310 Datasheet
82Kb / 1P
Series 2 x 5 Rectangular Right Angle LED Assembly
logo
LUMEX INC.
SSF-LXH25780HGW LUMEX-SSF-LXH25780HGW Datasheet
47Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780YD LUMEX-SSF-LXH25780YD Datasheet
63Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com