Electronic Components Datasheet Search
  English  ▼

X  

7011X Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 7011X
Description  Bicolor SMT LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7011X Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  7011X Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
7011X Series Bicolor SMT LEDs
EL ECTRO-OPTIC A L C H A R A CTERISTICS A ND R A TINGS
-30 to +90
-30 to +90
-30 to +90
100
560/580
7.5/6.0
3.0
30
2.5
2.1/2.2
-30 to +85
4
70
75
Clear
G reen/Y ellow
7011X 5/7
100
660/570
17.0/12.0
6.0
30
2.0/2.5
1.7/2.1
-30 to +85
4
70
60/75
Clear
Red/Y ellow
7011X 1/7
100
660/560
17.0/7.5
6.0/3.0
30
2.0/2.5
1.7/2.1
-30 to +85
4
70
60/75
Clear
Red/G reen
7011X 1/5
7011X 1/17
Non-Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Power Dis s ipation (mW)
P eak F orward C urrent Max. (mA)
Revers e V oltage (IR=100
µA) (V)
Operating temperature (
°C)
S torage T emperature (
°C)
Forward V oltage T yp. (IF=20mA)
Forward V oltage Max. (IF=20mA)
Luminous Intensity Min. (IF =20mA)
P eak W avelength (IF =20mA)
V iewing Angle (degrees )
Diffus ed/Non-Diffus ed
C ontinuous F orward C urrent Max. (mA)
Luminous Intensity Max. (IF =20mA)
Red/Y ellow
Clear
60/75
70
4
-30 to +85
-30 to +90
1.75/2.2
2.0/2.5
30
6.0/3.0
17.0/6.0
660/580
100
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Rated C urrent (mA)
20
20
20
20
100
100
100
100
R evers e C urrent Max. (V =4V )
R
LE NS
LE D C HIP #1
CAT HODE MAR K
1
2
4
3
1
2
3
4
3.00
2.00
1.80
0.90
0.60
1.00
0.60 MIN.
0.80
1.50
2.50
C ONT AC T S , G OLDP LAT E D(4)
CHIP #2
LE D
All dimens ions
in mm.
Color Combinations:
• Red/Yellow
• Red/Green
• Green/Yellow
Surface Mount Technology
• Tape and reel packaged for high-speed
autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• Packaged 2500 pieces per reel.
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet
strictest requirements.
• Designed to permit easy post-reflow solder
joint inspection.
• Solder pad geometry on page 1-X1.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 7011X

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
7011X VCC-7011X Datasheet
627Kb / 1P
Bicolor SMT LEDs
7011X1 VCC-7011X1 Datasheet
627Kb / 1P
Bicolor SMT LEDs
7011X17 VCC-7011X17 Datasheet
627Kb / 1P
Bicolor SMT LEDs
7011X5 VCC-7011X5 Datasheet
627Kb / 1P
Bicolor SMT LEDs
7011X7 VCC-7011X7 Datasheet
627Kb / 1P
Bicolor SMT LEDs
More results

Similar Description - 7011X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMF-C655 HP-HSMF-C655 Datasheet
193Kb / 8P
Bicolor Surface Mount Chip LEDs
logo
Chicago Miniature Lamp,...
7018X CML-7018X Datasheet
70Kb / 1P
Bicolor SMT LEDs
logo
Sanken electric
SML1016 SANKEN-SML1016_08 Datasheet
444Kb / 2P
5phi Round Standard Bicolor LEDs
SML10051 SANKEN-SML10051_08 Datasheet
429Kb / 2P
5phi Round Bicolor LEDs
SML70023 SANKEN-SML70023_08 Datasheet
432Kb / 2P
3.3 횞 6 Bow Shaped Bicolor LEDs
SML70055 SANKEN-SML70055_08 Datasheet
433Kb / 2P
Egg-Shaped Bicolor LEDs
logo
Dialight Corporation
C-16196 DIALIGHT-C-16196 Datasheet
99Kb / 1P
RED/GREEN BICOLOR SMT LED
logo
Visual Communications C...
7016X VCC-7016X Datasheet
827Kb / 1P
Bicolor SMT LEDs
7018X VCC-7018X Datasheet
589Kb / 1P
Bicolor SMT LEDs
7011X VCC-7011X Datasheet
627Kb / 1P
Bicolor SMT LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com