Electronic Components Datasheet Search
  English  ▼

X  

7012X Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 7012X
Description  Bright Chips High Brightness SMT LEDs 0805 Package Size
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7012X Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  7012X Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Premium brightness in miniature chip-type LED assemblies.
• Ideally suited for applications such as telecommunications,
dataprocessing peripherals and networking units as
replacements for through-hole products.
• Also ideal for backlighting or light pipe applications.
• Compact size: 2mm wide x 1.25mmdeep x 1mm high
• 4000 pieces per reel
DESCRIP TION A ND FE A T URES
7012X Series Bright5Chips™ High Brightness SMT LEDs 0805 Package Size
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A TINGS
• Integral reflection cup maximizes output
• Compatible with full range of IR and vapor phase
reflow processes, and conductive adhesives, to
facilitate high-speed board loading.
• Packaged for automatic component placement in
pocketed anti-static tape reels.
• Solderpad geometry on page 1-X2.
All dimensions
in inches.
.0 12
OFF S E T
.005 DIE
.079
.0 51
.047
.031
.049
CAT HODE (-)
CAT HODE MAR K
ANODE (+)
.051
.043
LE D C HIP
11. 7
11. 7
6. 4
60
-40 to +90
-40 to +85
62. 5
-
570
-
7. 0
2. 5
2. 1
20
Clear
Yellow/Gr een
7012X7
60
-40 to +90
-40 to +85
50
-
660
-
7. 0
2. 0
1. 7
20
Clear
Re d
7012X1
60
-40 to +90
-40 to +85
62. 5
-
560
-
3. 8
2. 5
2. 1
20
Clear
Green
7012X5
7012X13
Diffus ed
PAR T NUMB E R
Output C olor
Pa ckage C olor
Tes t Current(mA)
Forward V oltage T yp. (V )
Forward V oltage Max. ( V )
Luminous In tens ity M in. ( mcd)
Luminous In tens ity T yp. ( mcd)
Peak Wavelength (nm)
S torage T empe ra ture (
°C)
P eak F orward C urrent Max. (1
µs@ 10% duty cy cle) (mA)
Diffus ion
Viewing Ang le 20 1/2 (de grees )
Yellow
Clear
20
2. 2
2. 5
2. 2
3. 7
-
580
-
62. 5
-40 to +85
-40 to +90
60
Diffus ed
Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
44
4
4
Luminous In tens ity Max. ( mcd)
Power Dissi pation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 7012X

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
7012X VCC-7012X Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
7012X1 VCC-7012X1 Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
7012X13 VCC-7012X13 Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
7012X5 VCC-7012X5 Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
7012X7 VCC-7012X7 Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
More results

Similar Description - 7012X

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7016X CML-7016X Datasheet
78Kb / 2P
SMT LEDs 1208 Package Size
7022X CML-7022X Datasheet
68Kb / 1P
SMT LEDs 1206 Package Size
CMD15-21 CML-CMD15-21 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
SMT LEDs 0805 Package Size
CMDA5 CML-CMDA5 Datasheet
68Kb / 1P
HIGH BRIGHTNESS 0805 Package Size Surface Mount LED
logo
Visual Communications C...
7022X VCC-7022X Datasheet
727Kb / 1P
SMT LEDs 1206 Package Size
7012X VCC-7012X Datasheet
589Kb / 1P
High Brightness SMT LEDs 0805 Package Size
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
CMD15-21 VCC-CMD15-21 Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
SMT LEDs 0805 Package Size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com