Electronic Components Datasheet Search
  English  ▼

X  

7017X3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 7017X3
Description  Surface Mount LEDs 0603 Package Size
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7017X3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  7017X3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Technology
• Tape and reel packaged for high-speed autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• Packaged 4000 pieces per reel.
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet strictest requirements.
• Designed to permit easy post-reflow solder joint inspection.
• Solderpad geometry on page 1-X1.
DESCRIP TION A ND FE A T URES
7017X Series Surface Mount LEDs 0603 Package Size
EL ECTRO-OP TIC A L C H A R A CTERISTICS A ND R A TINGS
All dimensions
in inches.
.048
.043
.028
.008
.011
.031
.063
LED DIE
MARKS
CATHODE
.012
.012
POLARITY MARK
ANODE (+)
CATHODE (-)
3.4
2.4
3.4
65
60
-40 to +100
-30 to +85
70
70
580
-
2.0
2.8
2.2
20
Clear
Yellow
7017X 13
60
-40 to +100
-30 to +85
70
70
555
-
1.4
2.8
2.1
20
Clear
Green
7017X 15
60
-40 to +100
-30 to +85
70
70
605
-
2.0
2.8
2.2
20
Clear
Orange
7017X 3
100
-40 to +100
-40 to +85
81
70
609
-
16
2.4
1.9
20
White
Orange
7017X 23
7017X 21
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
S torage T emperature (
°C)
P eak F orward C urrent Max. (1
µs@ 10% duty cycle) (mA)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Red
White
20
1.9
2.4
16
50
-
630
70
81
-40 to +85
-40 to +100
100
Diffus ed
Diffus ed
Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
54
4
4
5
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
5
65
11.7
11.7
6.4
100
-40 to +100
-40 to +85
81
70
592
-
16
2.4
1.9
20
White
Yellow
7017X 33
60
-40 to +100
-30 to +85
70
70
570
-
7.0
2.8
2.1
20
Clear
Y ellow/G reen
7017X 7
60
-40 to +100
-30 to +85
57.5
70
660
-
7.0
2.3
1.7
20
Clear
Red
7017X 1
60
-40 to +100
-30 to +85
70
70
560
-
3.8
2.8
2.1
20
Clear
Green
7017X 5
Diffused
Diffused
Diffused
Diffused
44
4
5
55
5
5
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 7017X3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
7017X3 VCC-7017X3 Datasheet
693Kb / 1P
Surface Mount LEDs 0603 Package Size
7017X33 VCC-7017X33 Datasheet
693Kb / 1P
Surface Mount LEDs 0603 Package Size
More results

Similar Description - 7017X3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM0603RC ETC2-SM0603RC Datasheet
505Kb / 5P
SURFACE MOUNT LED RED, 0603 PACKAGE
logo
Visual Communications C...
7017X VCC-7017X Datasheet
693Kb / 1P
Surface Mount LEDs 0603 Package Size
0603 VCC-0603 Datasheet
483Kb / 8P
SpectraBright Series 0603 Package Size SMD Bi-Color LEDs
11/22
logo
Bivar, Inc.
SM0603AC BIVAR-SM0603AC Datasheet
1Mb / 6P
SURFACE MOUNT LED AMBER, 0603 PACKAGE
Revision B 05/22
SM0603GC BIVAR-SM0603GC Datasheet
498Kb / 5P
SURFACE MOUNT LED GREEN, 0603 PACKAGE
Revision A 03/09
SM0603RC BIVAR-SM0603RC Datasheet
501Kb / 5P
SURFACE MOUNT LED RED, 0603 PACKAGE
Revision A 03/09
SM0603UBWC BIVAR-SM0603UBWC Datasheet
505Kb / 5P
SURFACE MOUNT LED BLUE, 0603 PACKAGE
Revision A 03/09
SM0603UV-400 BIVAR-SM0603UV-400 Datasheet
615Kb / 5P
SURFACE MOUNT LED ULTRAVIOLET, 0603 PACKAGE
Revision A 06/14
SM0603UV-405 BIVAR-SM0603UV-405 Datasheet
614Kb / 5P
SURFACE MOUNT LED ULTRAVIOLET, 0603 PACKAGE
Revision A 06/14
SM0603UWC BIVAR-SM0603UWC Datasheet
1Mb / 5P
SURFACE MOUNT LED WHITE, 0603 PACKAGE
Revision B 03/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com