Electronic Components Datasheet Search
  English  ▼

X  

ALED7709 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ALED7709
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ALED7709 Datasheet HTML 43Page - STMicroelectronics ALED7709 Datasheet HTML 44Page - STMicroelectronics ALED7709 Datasheet HTML 45Page - STMicroelectronics ALED7709 Datasheet HTML 46Page - STMicroelectronics ALED7709 Datasheet HTML 47Page - STMicroelectronics ALED7709 Datasheet HTML 48Page - STMicroelectronics ALED7709 Datasheet HTML 49Page - STMicroelectronics ALED7709 Datasheet HTML 50Page - STMicroelectronics ALED7709 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
8.3.7
Output configuration register (OUTCFG)
Table 29. OUTCFG register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add 12h
OCS[1:0]
PSE[1:0]
TPOINT[1:0]
TSA
Reserved
POR A = 00h
0
0
0
0
0
0
0
0
POR B = 3Eh
0
0
1
1
1
1
1
0
Comments
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
TSA: Temperature sensing selection (channel current reduction controlled by external NTC circuit)
•
0: Disable
•
1: Enable
TPOINT[1:0]: Transition point for mixed dimming
•
00: 12.5%
•
01: 25%
•
10: 37.5%
•
11: 50%
PSE[1:0]: Phase shift mode selection
•
00: Disable
•
01: 64 clock staggered delay
•
10: CH1&CH2 – CH3&CH4 180° phase shift
•
11: CH1 – CH2 – CH3 – CH4 90° phase shift
OCS[1:0]: Output control slope selection
•
00: Nominal (100 ns typ.)
•
01: 2xNom
•
10: 4xNom
•
11: 8xNom
8.3.8
DC-DC converter configuration register (BOOSTCFG)
Table 30. BOOSTCFG register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add 13h
FSW[1:0]
DCLKMS[1:0]
Reserved
OVRE
DCLK_DIS
DFSW_DIS
POR A = 00h
0
0
0
0
0
0
0
0
POR B = 06h
0
0
0
0
0
1
1
0
Comments
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
DFSW_DIS: Disable spread spectrum for FSW set by external resistor
•
0: Enable
•
1: Disable
DCLK_DIS: Disable spread spectrum for main clock
•
0: Enable
•
1: Disable
OVRE: Output voltage regulation
•
0: Disable
ALED7709
Accessing internal registers
DS14214 - Rev 1
page 47/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com