Electronic Components Datasheet Search
  English  ▼

X  

ALED7709ATR Datasheet(PDF) 2 Page - STMicroelectronics

Part # ALED7709ATR
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709ATR Datasheet(HTML) 2 Page - STMicroelectronics

  ALED7709ATR Datasheet HTML 1Page - STMicroelectronics ALED7709ATR Datasheet HTML 2Page - STMicroelectronics ALED7709ATR Datasheet HTML 3Page - STMicroelectronics ALED7709ATR Datasheet HTML 4Page - STMicroelectronics ALED7709ATR Datasheet HTML 5Page - STMicroelectronics ALED7709ATR Datasheet HTML 6Page - STMicroelectronics ALED7709ATR Datasheet HTML 7Page - STMicroelectronics ALED7709ATR Datasheet HTML 8Page - STMicroelectronics ALED7709ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Description
ALED7709x are automotive-grade (AEC-Q100 Grade1 qualified) LED drivers combining a boost/SEPIC controller
and four low-side constant-current sinkers, designed to drive strings of high brightness LEDs. The switching
converter section provides the supply rail for the LED strings, whose value is constantly optimized for maximum
efficiency. The boost/SEPIC controller supports the external synchronization and spread spectrum. ALED7709x
can work simultaneously or exclusively in standalone mode (SAM), controlled only by PWMI signal, and in bus
driven mode (BDM) through an I2C serial interface. The brightness of the four LED strings can be controlled
either in global or local mode. In global mode, the ALED7709x supports a mixed PWM and analog dimming to
improve the brightness range capability. Only the BDM provides full access to ALED7709x advanced features.
PWM dimming frequency can be programmed changing the setting of the internal 16-bit counter, while an internal
oscillator avoids the use of an external clock source.
The ALED7709A is dedicated to BDM while ALED7709B is more suitable for SAM. ALED7709x implement basic
protections (overvoltage, overcurrent, and thermal shutdown) as well as “Open and Short” LED fault detection,
with optional channel auto-disconnect in case of fault.
The devices support an optional P-channel MOSFET in series to the input. It protects the system, LED strings
and channels in case of some faulty conditions, output short-to-ground or excessive input voltage transients and it
also reduces the power consumption when in standby.
ALED7709
DS14214 - Rev 1
page 2/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com