Electronic Components Datasheet Search
  English  ▼

X  

CLT03-1SC3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 4Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 5Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 10Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 11Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
4
Fault mode description
When the input voltage VIN exceeds a threshold VFAULT = 30 V the CLT03 series activates the Fault Mode with a
defined latency tFAULT. In this mode the CLT03 series further reduces the input current limitation down to IFAULT
and the corresponding output channel is deactivated.
Fault mode ensures defined and safe operation of the CLT03 series in overvoltage condition as it is often required
by safety regulations.
CLT03-2Q3, CLT03-1SC3
Fault mode description
DS12302 - Rev 13
page 8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24