Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-332VC Datasheet(PDF) 57 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 53Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 54Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 55Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 56Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 57Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 58Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 59Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 60Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Table 46. WLCSP36 - Example of PCB design rules
Dimension
Values
Pitch
0.4 mm
Dpad
0.225 mm
Dsm
0.290 mm typ. (depends on soldermask registration tolerance)
Stencil opening
0.250 mm
Stencil thickness
0.100 mm
BlueNRG-LPS
WLCSP36 package information (01C1)
DS13819 - Rev 4
page 57/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com