Electronic Components Datasheet Search
  English  ▼

X  

ILPS28QSWTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 10Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 11Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 12Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 13Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 14Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 15Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 16Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 17Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
6
FIFO
The ILPS28QSW embeds 128 slots of 24-bit data FIFO to store the pressure output values. This allows
consistent power saving for the system, since the host processor does not need to continuously poll data from the
sensor, but it can wake up only when needed and burst the significant data out from the FIFO. This buffer can
work according to six different modes:
•
Bypass mode
•
FIFO mode
•
Continuous (dynamic-stream) mode
•
Continuous (dynamic-stream)-to-FIFO mode
•
Bypass-to-continuous (dynamic-stream)
•
Bypass-to-FIFO mode
The FIFO buffer is enabled when a configuration different from all bits 0 are written in FIFO_CTRL (14h) and
each mode is selected by the TRIG_MODES bit and F_MODE[1:0] bits in FIFO_CTRL (14h). Programmable
FIFO threshold status, FIFO overrun events and the number of unread samples stored are available in the
FIFO_STATUS1 (25h) and FIFO_STATUS2 (26h) registers.
FIFO_STATUS2 (26h)(FIFO_WTM_IA) goes to 1 when the number of unread samples (FIFO_STATUS1 (25h)
(FSS[7:0]) is greater than or equal to WTM[6:0] in FIFO_WTM (15h). If FIFO_WTM (15h)(WTM[6:0]) is equal to 0,
FIFO_STATUS2 (26h)(FIFO_WTM_IA) stays at 0.
FIFO_STATUS2 (26h)(FIFO_OVR_IA) is equal to 1 if a FIFO slot is overwritten.
FIFO_STATUS1 (25h)(FSS[7:0]) contains stored data levels of unread samples; when FSS[7:0] is equal to
00000000, FIFO is empty; when FSS[7:0] is equal to 10000000, FIFO is full and the unread samples are 128.
ILPS28QSW
FIFO
DS13905 - Rev 1
page 14/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com