Electronic Components Datasheet Search
  English  ▼

X  

L6983IQTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6983IQTR
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6983IQTR Datasheet HTML 3Page - STMicroelectronics L6983IQTR Datasheet HTML 4Page - STMicroelectronics L6983IQTR Datasheet HTML 5Page - STMicroelectronics L6983IQTR Datasheet HTML 6Page - STMicroelectronics L6983IQTR Datasheet HTML 7Page - STMicroelectronics L6983IQTR Datasheet HTML 8Page - STMicroelectronics L6983IQTR Datasheet HTML 9Page - STMicroelectronics L6983IQTR Datasheet HTML 10Page - STMicroelectronics L6983IQTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCLKIN_T (3)
Synchronization pulse ON and OFF-
time 2.3 ≤ VCLKIN_TH ≤ 2.5 V
VCLKIN_TH = 2.3 V
60
ns
Synchronization pulse ON and OFF-
time VCLKIN_TH > 2.5 V
20
ns
Power good
VTHR
PGOOD threshold
- 40 °C ≤ TJ ≤ 125 °C (2)
87
90
93
%
VTHR_HYST
PGOOD hysteresis
(QFN version only)
3
VPGOOD
PGOOD open collector output
VIN > VINH and
VFB < VTH
4 mA sinking load
0.4
V
2 < VIN < VINH
4 mA sinking load
0.8
V
TSHDWN (3)
Thermal shutdown temperature
165
°C
THYS (3)
Thermal shutdown hysteresis
30
°C
1. Parameter tested in the static condition during testing phase. The parameter value may change over a dynamic application
condition.
2. Specifications in the -40 to 125 °C temperature range are assured by characterization and statistical correlation.
3. Not tested in production.
L6983I
Electrical characteristics
DS14040 - Rev 1
page 7/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com