Electronic Components Datasheet Search
  English  ▼

X  

80C31 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 80C31
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C31 Datasheet(HTML) 2 Page - NXP Semiconductors

  80C31 Datasheet HTML 1Page - NXP Semiconductors 80C31 Datasheet HTML 2Page - NXP Semiconductors 80C31 Datasheet HTML 3Page - NXP Semiconductors 80C31 Datasheet HTML 4Page - NXP Semiconductors 80C31 Datasheet HTML 5Page - NXP Semiconductors 80C31 Datasheet HTML 6Page - NXP Semiconductors 80C31 Datasheet HTML 7Page - NXP Semiconductors 80C31 Datasheet HTML 8Page - NXP Semiconductors 80C31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
2
1996 Aug 16
853–0169 17187
DESCRIPTION
The Philips 80C31/80C51/87C51 is a high-performance
microcontroller fabricated with Philips high-density CMOS
technology. The CMOS 8XC51 is functionally compatible with the
NMOS 8031/8051 microcontrollers. The Philips CMOS technology
combines the high speed and density characteristics of HMOS with
the low power attributes of CMOS. Philips epitaxial substrate
minimizes latch-up sensitivity.
The 8XC51 contains a 4k
× 8 ROM (80C51) EPROM (87C51), a 128
× 8 RAM, 32 I/O lines, two 16-bit counter/timers, a five-source,
two-priority level nested interrupt structure, a serial I/O port for either
multi-processor communications, I/O expansion or full duplex UART,
and on-chip oscillator and clock circuits.
In addition, the device has two software selectable modes of power
reduction—idle mode and power-down mode. The idle mode freezes
the CPU while allowing the RAM, timers, serial port, and interrupt
system to continue functioning. The power-down mode saves the
RAM contents but freezes the oscillator, causing all other chip
functions to be inoperative.
FEATURES
• 8031/8051 compatible
– 4k
× 8 ROM (80C51)
– 4k
× 8 EPROM (87C51)
– ROMless (80C31)
– 128
× 8 RAM
– Two 16-bit counter/timers
– Full duplex serial channel
– Boolean processor
• Memory addressing capability
– 64k ROM and 64k RAM
• Power control modes:
– Idle mode
– Power-down mode
• CMOS and TTL compatible
• Five speed ranges at V
CC = 5V
– 12MHz
– 16MHz
– 24MHz
– 33MHz
• Five package styles
• Extended temperature ranges
• OTP package available
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE/PROG
EA/VPP
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
CERAMIC
AND
PLASTIC
DUAL
IN-LINE
PACKAGE
CERAMIC
AND
PLASTIC
LEAD
CHIP
CARRIER
6
1
40
7
17
39
29
18
28
PLASTIC
QUAD
FLAT
PACK
44
34
1
11
33
23
12
22
SU00001
SEE PAGE 3 FOR QFP AND LCC PIN FUNCTIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com