Electronic Components Datasheet Search
  English  ▼

X  

80C451 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 80C451
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C451 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 80C451 Datasheet HTML 3Page - NXP Semiconductors 80C451 Datasheet HTML 4Page - NXP Semiconductors 80C451 Datasheet HTML 5Page - NXP Semiconductors 80C451 Datasheet HTML 6Page - NXP Semiconductors 80C451 Datasheet HTML 7Page - NXP Semiconductors 80C451 Datasheet HTML 8Page - NXP Semiconductors 80C451 Datasheet HTML 9Page - NXP Semiconductors 80C451 Datasheet HTML 10Page - NXP Semiconductors 80C451 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Philips Semiconductors
Product specification
80C451/83C451/87C451
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
7
CSR.3 Output Buffer Full Flag Clear Mode (OBFC) – When
CSR.3 = 1, the positive edge of the ODS input clears the OBF flag.
When CSR.3 = 0, the negative edge of the ODS input clears the
OBF flag.
CSR.4, CSR.5 AFLAG Mode Select
(MA0, MA1) – Bits 4 and 5 select the mode of operation for the
AFLAG pin as follows:
MA1
MA0
AFLAG Function
0
0
Logic 0 output
0
1
Logic 1 output
1
0
OBF flag output (CSR.1)
1
1
Select (SEL) input mode
The select (SEL) input mode is used to determine whether the port 6
data register or the control status register is output on port 6. When
the select feature is enabled, the AFLAG input controls the source of
port 6 output data. A logic 0 on AFLAG input selects the port 6 data
register, and a logic 1 on AFLAG input selects the control status
register.
CSR.6, CSR.7 BFLAG Mode Select
(MB0, MB1) – Bits 6 and 7 select the mode operation as follows:
MB1 MB0
BFLAG Function
0
0
Logic 0 output
0
1
Logic 1 output
1
0
IBF flag output (CSR.0)
1
1
Port enable (PE)
In the port enable mode, IDS and ODS inputs are disabled when
BFLAG input is high. When the BFLAG input is low, the port is
enabled for I/O.
SPECIAL FUNCTION REGISTER ADDRESSES
The SFRs are identical to those of the standard 80C51 with the
exception of four registers that have been added to allow control of
the three additional I/O ports P4, P5, and P6. The additional
registers are P4, P5, P6, and CSR. Registers P4, P5, and P6
function as port latches for ports 4, 5, and 6, respectively. These
registers operate identically to those for ports 0 through 3 of the
80C51.
Table 1. Special Function Register Addresses
REGISTER ADDRESS
BIT ADDRESS
NAME
SYMBOL
ADDRESS
MSB
LSB
Port 4
P4
C0
C7
C6
C5
C4
C3
C2
C1
C0
Port 5
P5
C8
CF
CE
CD
CC
CB
CA
C9
C8
Port 6 data
P6
D8
DF
DE
DD
DC
DB
DA
D9
D8
Port 6 control status
CSR
E8
EF
EE
ED
EC
EB
EA
E9
E8
INTERNAL BUS
IDS
MODE
INPUT
BUFFER
(P6 READ)
OUTPUT
DRIVERS
BFLAG/ODS
MODE
(CSR.6/.7)
AFLAG
MODE
(CSR.4/.5)
MUX
CONTROL/STATUS
REGISTER (CSR)
OUTPUT BUFFER
(P6 WRITE)
INPUT BUFFER
FULL (CSR.0)
OUTPUT BUFFER
FULL (CSR.1)
EDGE/LEVEL
SELECT (CSR.2)
IDS
ODS
BFLAG
AFLAG
PORT 6
SU00087
Figure 1. Port 6 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com