Electronic Components Datasheet Search
  English  ▼

X  

PD110-12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PD110-12
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD110-12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PD110-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD110-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
1, 2, 3
4, 5
6, 7
8, 9
10
11
12
13
PD110-10, PD110-12
OUTPUT
RETURN
RETURN
OUTPUT
N.C.
N.C.
KEY
N.C.
PD110-13, PD110-14
#1
#1
PD110-16
PD110-23
OUTPUT
COMMON
COMMON
OUTPUT
N.C.
N.C.
KEY
N.C.
#1
RETURN
RETURN
#2
PD110-31, PD110-32
OUTPUT
COMMON
COMMON
OUTPUT
N.C.
OUTPUT
KEY
N.C.
#1
RETURN
RETURN
#2
#3
PD110-40, PD110-41
OUTPUT
COMMON
COMMON
OUTPUT
N.C.
OUTPUT
KEY
OUTPUT
PD110-42, PD110-45-1
#1
RETURN
RETURN
#2
#3
#4
PD110-45-2, PD110-46
Notes
Mechanical Details
Pin Chart
1. For output #2, minimum load is 0 A and peak current is shown for 10% maximum duty cycle for less than 60 seconds.
2. PD110 “M” & “H” series is suitable for 110 watts maximum at 20 CFM forced air cooling or 80 watts maximum at convection cooling.
3. PD110 “L” series is suitable for 90 watts maximum at 20 CFM forced air cooling or 70 watts maximum at convection cooling.
4. Suffix codes for mechanical format and input range are as follows: PD110-XXYZ: “XX” is the model code from the above table. “Y” is
the input range.
(L=10-20VDC, M=18-36VDC, H=36-72VDC); “Z” is the mechanical format (A=open PCB, C=enclosed) EX: PD110-31MC, 18-36VDC input,
enclosed form.
OPEN PCB “A”
ENCLOSED “C”
Output #1
Output #2(1)
Output #3
Output #4
Maximum
Output
Model
Vnom
Imin
Imax
Tol.
Vnom
Imax
Ipeak
Tol.
Vnom
Imin
Imax
Tol.
Vnom
Imin
Imax
Tol.
Power
PD110-10
5 V
0.0 A 22.0 A
3%
110 W
PD110-12
12 V
0.0 A
9.0 A
2%
110 W
PD110-13
15 V
0.0 A
7.5 A
2%
110 W
PD110-14
24 V
0.0 A
4.5 A
2%
110 W
PD110-16
30 V
0.0 A
3.6 A
2%
110 W
PD110-23
+5 V
0.8 A 10.0 A
3%
+12 V
5 A
9.0 A
3%
110 W
PD110-31
+5 V
0.8 A 10.0 A
3%
+12 V
5 A
9.0 A
3%
-12 V
0 A
1 A
4%
110 W
PD110-32
+5 V
0.8 A 10.0 A
3%
+15 V
4 A
7.5 A
3%
-15 V
0 A
1 A
4%
110 W
PD110-40
+5 V
0.8 A 10.0 A
3%
+12 V
5 A
9.0 A
3%
-12 V
0 A
1 A
4%
-5 V
0 A
1 A
4%
110 W
PD110-41
+5 V
0.8 A 10.0 A
3%
+15 V
4 A
7.5 A
3%
-15 V
0 A
1 A
4%
+24 V
0 A
1 A
4%
110 W
PD110-42
+5 V
0.8 A 10.0 A
3%
+12 V
5 A
9.0 A
3%
-12 V
0 A
1 A
4%
+12 V
0 A
1 A
4%
110 W
PD110-45-1
+5 V
0.8 A 10.0 A
3%
+12 V
5 A
9.0 A
3%
-12 V
0 A
1 A
4%
+24 V
0 A
3 A
8%
110 W
PD110-45-2
+5 V
0.8 A 10.0 A
3%
+24 V
3 A
5.0 A
5%
-12 V
0 A
1 A
4%
+12 V
0 A
1 A
4%
110 W
PD110-46
+5 V
0.8 A 10.0 A
3%
+15 V
4 A
7.5 A
3%
-15 V
0 A
1 A
4%
-5 V
0 A
1 A
4%
110 W
OUTPUT VOLTAGE & CURRENT RATINGS
PD110
Dimensions shown in inches (mm). Tolerance 0.02 (0.5) maximum. Input connector mates with Molex
housing 09-50-3051 and Molex 2878 series crimp terminal. Output connector mates with Molex housing
09-50-3131 and Molex 2878 series crimp material.
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
54
PD110
13/11/02
3:25 pm
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com