Electronic Components Datasheet Search
  English  ▼

X  

CD4002BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4002BMS
Description  CMOS NOR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4002BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4002BMS Datasheet HTML 1Page - Renesas Technology Corp CD4002BMS Datasheet HTML 2Page - Renesas Technology Corp CD4002BMS Datasheet HTML 3Page - Renesas Technology Corp CD4002BMS Datasheet HTML 4Page - Renesas Technology Corp CD4002BMS Datasheet HTML 5Page - Renesas Technology Corp CD4002BMS Datasheet HTML 6Page - Renesas Technology Corp CD4002BMS Datasheet HTML 7Page - Renesas Technology Corp CD4002BMS Datasheet HTML 8Page - Renesas Technology Corp CD4002BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3289 Rev 0.00
Page 1 of 9
November 1994
FN3289
Rev 0.00
November 1994
CD4000BMS, CD4001BMS, CD4002BMS, CD4025BMS
CMOS NOR Gate
DATASHEET
Pinouts
CD4000BMS
TOP VIEW
CD4001BMS
TOP VIEW
CD4002BMS
TOP VIEW
CD4025BMS
TOP VIEW
NC
NC
A
B
C
H = A + B + C
VSS
VDD
F
E
D
K = D + E + F
L = G
G
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
A
B
J = A + B
K = C + D
C
D
VSS
VDD
H
G
M = G + H
L = E + F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
J = A + B + C + D
A
B
C
D
NC
VSS
VDD
K = E + F + G + H
H
G
F
E
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
A
B
D
E
F
K = D + E + F
VSS
VDD
G
H
I
L = G + H + I
J = A + B + C
C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
Features
• High-Voltage Types (20V Rating)
• Propagation Delay Time = 60ns (typ.) at CL = 50pF,
VDD = 10V
• Buffered Inputs and Outputs
• Standard Symmetrical Output Characteristics
• 100% Tested for Maximum Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
A at 18V Over Full Pack-
age-Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standards
No. 13B, “Standard Specifications for Description of
“B” Series CMOS Device’s
Description
CD4000BMS,
CD4001BMS,
CD4002BMS,
and
CD4025BMS NOR gates provide the system designer with
direct implementation of the NOR function and supplement
the existing family of CMOS gates. All inputs and outputs are
buffered.
The CD4000BMS, CD4001BMS, CD4002BMS and the
CD4025BMS is supplied in these 14 lead outline packages:
CD4000BMS
- Dual 3 Plus Inverter
CD4001BMS
- Quad 2 Input
CD4002BMS
- Dual 4 Input
CD4025BMS
- Triple 3 Input
CD4000B CD4001B CD4002B CD4025B
Braze Seal DIP
H4X
H4Q
H4Q
H4Q
Frit Seal DIP
H1B
H1B
H1B
H1B
Ceramic Flatpack
H3W
H3W
H3W
H3W


Similar Part No. - CD4002BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4002BMS INTERSIL-CD4002BMS Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
More results

Similar Description - CD4002BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Intersil Corporation
CD4000BMS INTERSIL-CD4000BMS Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
CD4078BMS INTERSIL-CD4078BMS Datasheet
67Kb / 8P
CMOS 8 Input NOR/OR Gate
December 1992
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
CMOS Quad 2-input NOR Gate
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com