Electronic Components Datasheet Search
  English  ▼

X  

CD4020BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4020BMS
Description  CMOS Ripple-Carry BinaryCounter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4020BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4020BMS Datasheet HTML 1Page - Renesas Technology Corp CD4020BMS Datasheet HTML 2Page - Renesas Technology Corp CD4020BMS Datasheet HTML 3Page - Renesas Technology Corp CD4020BMS Datasheet HTML 4Page - Renesas Technology Corp CD4020BMS Datasheet HTML 5Page - Renesas Technology Corp CD4020BMS Datasheet HTML 6Page - Renesas Technology Corp CD4020BMS Datasheet HTML 7Page - Renesas Technology Corp CD4020BMS Datasheet HTML 8Page - Renesas Technology Corp CD4020BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN3300 Rev 1.00
Page 1 of 10
October 1996
FN3300
Rev 1.00
October 1996
CD4020BMS, CD4024BMS, CD4040BMS
CMOS Ripple-Carry BinaryCounter/Dividers
DATASHEET
Features
• High Voltage Types (20V Rating)
• Medium Speed Operation
• Fully Static Operation
• Buffered Inputs and Outputs
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• Common Reset
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
a at 18V Over Full Pack-
age-Temperature Range;
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications For Description Of
‘B’ Series CMOS Devices”
Applications
• Control Counters
•Timers
• Frequency Dividers
• Time-Delay Circuits
Description
CD4020BMS, CD4024BMS, and CD4040BMS are ripple-
carry binary counters. All counter stages are master-slave
flip-flops. The state of a counter advances one count on the
negative transition of each input pulse; a high level on the
RESET line resets the counter to its all zeros state. Schmitt
trigger action on the input-pulse line permits unlimited rise
and fall times. All inputs and outputs are buffered.
The CD4020BMS, CD4024BMS and the CD4040BMS is
supplied in these 14 lead outline packages:
Pinouts
CD4020BMS
TOP VIEW
CD4024BMS
TOP VIEW
CD4040BMS
TOP VIEW
CD4020BMS - 14 Stage
CD4024BMS - 7 Stage
CD4040BMS - 12 Stage
CD4020B
CD4024B
CD4040B
Braze Seal DIP
H4W
H4Q
H4X
Frit Seal DIP
H1F
H1B
H1F
Ceramic Flatpack
H6W
H3W
H6W
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q12
Q13
Q14
Q6
Q5
Q7
VSS
Q4
VDD
Q10
Q8
Q9
RESET
Q1
Q11
RESET
Q7
Q6
Q5
Q4
VSS
VDD
NC
Q1
Q2
NC
Q3
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q12
Q6
Q5
Q7
Q4
Q3
VSS
Q2
VDD
Q10
Q8
Q9
R
Q1
Q11


Similar Part No. - CD4020BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
CMOS Ripple-Carry Binary Counter/Dividers
October 1996
More results

Similar Description - CD4020BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
12 Stage Ripple-Carry Binary Counter/Dividers
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
CMOS Ripple-Carry Binary Counter / Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com