Electronic Components Datasheet Search
  English  ▼

X  

CD4027BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4027BMS
Description  CMOS Dual J-KMaster-Slave Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4027BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

  CD4027BMS Datasheet HTML 1Page - Renesas Technology Corp CD4027BMS Datasheet HTML 2Page - Renesas Technology Corp CD4027BMS Datasheet HTML 3Page - Renesas Technology Corp CD4027BMS Datasheet HTML 4Page - Renesas Technology Corp CD4027BMS Datasheet HTML 5Page - Renesas Technology Corp CD4027BMS Datasheet HTML 6Page - Renesas Technology Corp CD4027BMS Datasheet HTML 7Page - Renesas Technology Corp CD4027BMS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FN3302 Rev 0.00
Page 8 of 8
December 1992
CD4027BMS
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1999. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Chip Dimensions and Pad Layout
FIGURE 7. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE (SET TO Q, OR RESET TO Q)
FIGURE 8. TYPICAL MAXIMUM CLOCK FREQUENCY vs
SUPPLY VOLTAGE (TOGGLE MODE)
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
40
60
80
100
20
SUPPLY VOLTAGE (VDD) = 5V
15V
10V
250
0
200
150
100
50
AMBIENT TEMPERATURE (TA) = +25oC
trl tf = 5ns
CL = 50pF
30
25
20
15
10
5
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION: Thickness: 11k
Å 14kÅ, AL.
PASSIVATION: 10.4kÅ - 15.6k
Å, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com