Electronic Components Datasheet Search
  English  ▼

X  

CD4043BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4043BMS
Description  CMOS Quad 3 State R/S Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4043BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4043BMS Datasheet HTML 1Page - Renesas Technology Corp CD4043BMS Datasheet HTML 2Page - Renesas Technology Corp CD4043BMS Datasheet HTML 3Page - Renesas Technology Corp CD4043BMS Datasheet HTML 4Page - Renesas Technology Corp CD4043BMS Datasheet HTML 5Page - Renesas Technology Corp CD4043BMS Datasheet HTML 6Page - Renesas Technology Corp CD4043BMS Datasheet HTML 7Page - Renesas Technology Corp CD4043BMS Datasheet HTML 8Page - Renesas Technology Corp CD4043BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN3311 Rev 0.00
Page 1 of 10
December 1992
FN3311
Rev 0.00
December 1992
CD4043BMS, CD4044BMS
CMOS Quad 3 State R/S Latches
DATASHEET
Pinout
CD4043BMS
TOP VIEW
CD4044BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q4
Q1
R1
S1
ENABLE
S2
VSS
R2
VDD
S4
NC
S3
R3
Q3
Q2
R4
NC = NO CONNECTION
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q4
NC
S1
R1
ENABLE
R2
VSS
S2
VDD
R4
Q1
R3
S3
Q3
Q2
S4
NC = NO CONNECTION
Features
• High Voltage Types (20V Rating)
• Quad NOR R/S Latch- CD4043BMS
• Quad NAND R/S Latch - CD4044BMS
• 3 State Outputs with Common Output ENABLE
• Separate SET and RESET Inputs for Each Latch
• NOR and NAND Configuration
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
a at 18V Over Full Pack-
age-Temperature Range;
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of ‘B’
Series CMOS Devices”
Applications
• Holding Register in Multi-Register System
• Four Bits of Independent Storage with Output ENABLE
• Strobed Register
• General Digital Logic
• CD4043BMS for Positive Logic Systems
• CD4044BMS for Negative Logic Systems
Description
CD4043BMS types are quad cross-coupled 3-state CMOS NOR
latches and the CD4044BMS types are quad cross-coupled 3-
state CMOS NAND latches. Each latch has a separate Q output
and individual SET and RESET inputs. The Q outputs are con-
trolled by a common ENABLE input. A logic “1” or high on the
ENABLE input connects the latch states to the Q outputs. A logic
“0” or low on the ENABLE input disconnects the latch states from
the Q outputs, results in an open circuit feature allows common
busing of the outputs.
The CD4043BMS and CD4044BMS are supplied in these 16-
lead outline packages:
Braze Seal DIP
*H4T
†H4T
Frit Seal DIP
*H1C
†HIE
Ceramic Flatpack
*H3X
†H6W
*CD4043B Only
†CD4044B Only


Similar Part No. - CD4043BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
CD4043BMSH INTERSIL-CD4043BMSH Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
More results

Similar Description - CD4043BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
QUAD 3-STATE R-S LATCHES
Jun-1989
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
CMOS QUAD 3-STATE R/S LATCHES
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
Quad. S-R Latches
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
KODENSHI_AUK CORP.
KK4043B KODENSHI-KK4043B Datasheet
319Kb / 6P
Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4043B IKSEMICON-IW4043B Datasheet
217Kb / 6P
Quad 3-State R/S Latches High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
Quad S-R Latches
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com