Electronic Components Datasheet Search
  English  ▼

X  

CD4060BMS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CD4060BMS
Description  CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4060BMS Datasheet(HTML) 6 Page - Renesas Technology Corp

  CD4060BMS Datasheet HTML 1Page - Renesas Technology Corp CD4060BMS Datasheet HTML 2Page - Renesas Technology Corp CD4060BMS Datasheet HTML 3Page - Renesas Technology Corp CD4060BMS Datasheet HTML 4Page - Renesas Technology Corp CD4060BMS Datasheet HTML 5Page - Renesas Technology Corp CD4060BMS Datasheet HTML 6Page - Renesas Technology Corp CD4060BMS Datasheet HTML 7Page - Renesas Technology Corp CD4060BMS Datasheet HTML 8Page - Renesas Technology Corp CD4060BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CD4060BMS
FN3317 Rev 0.00
Page 6 of 9
December 1992
Logic Diagram
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
 -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1 Note 1
1 - 7, 9, 10, 13 - 15
8, 11, 12
16
Static Burn-In 2 Note 1
1 - 7, 9, 10, 13 - 15
8
11, 12, 16
Dynamic Burn-In Note 1
-
8, 12
16
1 - 7, 9, 10, 13 - 15
11
-
Irradiation Note 2
1 - 7, 9, 10, 13 - 15
8
11, 12, 16
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
 5%, VDD = 18V  0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 
0.5V
FF2-FF13
FF1
FF14
ø1 Q1
ø1 Q1
Q13
ø2
ø2
Q13
Q14
ø14
ø14
Q14
12
11
10
9
RESET
ø 0
ø 0
ø I
*
*
*
*
Q14
Q4 - Q10
Q12, Q13
*ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
VDD
VSS
**R = HIGH DOMINATES (RESETS ALL STAGES)
***COUNTER ADVANCES ONE BINARY COUNT
ON EACH NEGATIVE - GOING TRANSITION
OF øI (AND øO)
**
***
DETAIL OF TYPICAL FLIP-FLOP STAGE
p
n
ø
ø
p
n
ø
ø
p
n
ø
ø
p
n
ø
ø
Q
Q
R
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com