Electronic Components Datasheet Search
  English  ▼

X  

CD4073BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4073BMS
Description  CMOS AND Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4073BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4073BMS Datasheet HTML 1Page - Renesas Technology Corp CD4073BMS Datasheet HTML 2Page - Renesas Technology Corp CD4073BMS Datasheet HTML 3Page - Renesas Technology Corp CD4073BMS Datasheet HTML 4Page - Renesas Technology Corp CD4073BMS Datasheet HTML 5Page - Renesas Technology Corp CD4073BMS Datasheet HTML 6Page - Renesas Technology Corp CD4073BMS Datasheet HTML 7Page - Renesas Technology Corp CD4073BMS Datasheet HTML 8Page - Renesas Technology Corp CD4073BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN3324 Rev 1.00
Page 1 of 11
October 2015
FN3324
Rev 1.00
October 2015
CD4073BMS, CD4081BMS, CD4082BMS
CMOS AND Gate
DATASHEET
Features
• High-Voltage Types (20V Rating)
• CD4073BMS Triple 3-Input AND Gate (No longer
available or supported)
• CD4081BMS Quad 2-Input AND Gate
• CD4082BMS Dual 4-Input AND Gate (No longer
available or supported)
• Medium Speed Operation:
- tPLH, tPHL = 60ns (typ) at VDD = 10V
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
A at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Description
CD4073BMS, CD4081BMS and CD4082BMS AND gates
provide the system designer with direct implementation of
the AND function and supplement the existing family of
CMOS gates.
The CD4073BMS, CD4081BMS and CD4082BMS are supplied
in these 14 lead outline packages:
Pinout
CD4073BMS
TOP VIEW
CD4081BMS
TOP VIEW
CD4082BMS
TOP VIEW
Braze Seal DIP
*H4Q
†H4H
Frit Seal DIP
*H1B
Ceramic Flatpack
*H3W
*CD4073B, CD4081B
†CD4082B
A
B
D
E
F
K = D
 E  F
VSS
VDD
G
H
I
L = G
 H  I
J = A
 B  C
C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NO
LO
NG
ER
AV
AIL
AB
LE
OR
SU
PP
OR
TE
D
A
B
J = A
 B
K = C
 D
C
D
VSS
VDD
H
G
M = G
H
L = E
 F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J = A
 B  C  D
D
C
B
A
NC
VSS
VDD
K = E
 F  G  H
H
G
F
E
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
NO
LO
NG
ER
AV
AIL
AB
LE
OR
SU
PP
OR
TE
D


Similar Part No. - CD4073BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4073BMS INTERSIL-CD4073BMS Datasheet
115Kb / 10P
CMOS AND Gate
January 1993
More results

Similar Description - CD4073BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4068B TI-CD4068B Datasheet
182Kb / 10P
CMOS 8-INPUT NAND AND GATE
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
CMOS Quad AND/OR Select Gate
November 1994
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
logo
KODENSHI_AUK CORP.
KK74AC21 KODENSHI-KK74AC21 Datasheet
222Kb / 5P
Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
KK74ACT08 KODENSHI-KK74ACT08 Datasheet
219Kb / 5P
Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
logo
Intersil Corporation
CD4073BMS INTERSIL-CD4073BMS Datasheet
115Kb / 10P
CMOS AND Gate
January 1993
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
CD4068B TI1-CD4068B_15 Datasheet
1Mb / 15P
CMOS 8-Input NAND/AND Gate
logo
Motorola, Inc
MC74HC11 MOTOROLA-MC74HC11 Datasheet
140Kb / 4P
Triple 3-lnput AND Gate High-Performance silicon-gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com