Electronic Components Datasheet Search
  English  ▼

X  

PEMD3 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PEMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMD3 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PEMD3 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMD3 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
PEMD3_PIMD3_PUMD3
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 11 — 25 September 2013
4 of 18
Nexperia
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
(1) SOT457; FR4 PCB, standard footprint
(2) SOT363 and SOT666; FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curves
Tamb (°C)
-75
175
125
25
75
-25
006aac766
200
300
100
400
500
Ptot
(mW)
0
(1)
(2)
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
PEMD3 (SOT666)
-
-
625
K/W
PIMD3 (SOT457)
-
-
500
K/W
PUMD3 (SOT363)
-
-
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
PEMD3 (SOT666)
-
-
417
K/W
PIMD3 (SOT457)
-
-
313
K/W
PUMD3 (SOT363)
-
-
417
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com