Electronic Components Datasheet Search
  English  ▼

X  

PUMD3 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMD3 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUMD3 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMD3 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
Product profile
1.1 General description
NPN/PNP Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic
packages.
1.2 Features and benefits
1.3 Applications
 Low current peripheral driver
 Control of IC inputs
 Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors;
R1 = 10 k
, R2 = 10 k
Rev. 11 — 25 September 2013
Product data sheet
Table 1.
Product overview
Type number
Package
PNP/PNP
complement
NPN/NPN
complement
Package
configuration
N
experia JEITA
PEMD3
SOT666
-
PEMB11
PEMH11
ultra small and flat lead
PIMD3
SOT457
SC-74
-
-
small
PUMD3
SOT363
SC-88
PUMB11
PUMH11
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PUMD3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD3 PHILIPS-PUMD3 Datasheet
63Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
PUMD3 PHILIPS-PUMD3 Datasheet
65Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PUMD3 PHILIPS-PUMD3 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD3 NXP-PUMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
More results

Similar Description - PUMD3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EU115 NXP-PDTC114EU115 Datasheet
717Kb / 17P
NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
PEMD3-115 NXP-PEMD3-115 Datasheet
986Kb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 11-25 September 2013
PEMD9_PUMD9 PHILIPS-PEMD9_PUMD9_15 Datasheet
926Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 47 k?
Rev. 6-22 November 2011
PEMD18_PUMD18 PHILIPS-PEMD18_PUMD18_15 Datasheet
918Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 2-21 December 2011
PEMH11_PUMH11 PHILIPS-PEMH11_PUMH11_15 Datasheet
622Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 10 k?? R2 = 10 k?
Rev. 6-29 November 2011
logo
Nexperia B.V. All right...
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
PEMD9 NEXPERIA-PEMD9 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 6 - 22 November 2011
PDTC114E_SER NEXPERIA-PDTC114E_SER Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
PEMB9 NEXPERIA-PEMB9_V01 Datasheet
920Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
PEMD3 NEXPERIA-PEMD3_V01 Datasheet
1Mb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com