Electronic Components Datasheet Search
  English  ▼

X  

CSPT857C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT857C Datasheet(HTML) 3 Page - Renesas Technology Corp

  CSPT857C Datasheet HTML 1Page - Renesas Technology Corp CSPT857C Datasheet HTML 2Page - Renesas Technology Corp CSPT857C Datasheet HTML 3Page - Renesas Technology Corp CSPT857C Datasheet HTML 4Page - Renesas Technology Corp CSPT857C Datasheet HTML 5Page - Renesas Technology Corp CSPT857C Datasheet HTML 6Page - Renesas Technology Corp CSPT857C Datasheet HTML 7Page - Renesas Technology Corp CSPT857C Datasheet HTML 8Page - Renesas Technology Corp CSPT857C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
PIN CONFIGURATIONS
56 BALL VFBGA PACKAGE LAYOUT
AB
C
E
F
G
H
J
K
D
6
5
4
3
2
1
Y7
VDDQ
PWR
DWN
FBIN
FBOUT
Y6
GND
Y7
VDDQ
GND
FBIN FBOUT
Y5
Y6
Y5
GND
Y8
Y9
Y9
Y8
Y0
Y0
Y1
Y1
Y2
Y4
Y3
Y2
VDDQ
GND
GND
GND
VDDQ
VDDQ
GND
VDDQ
GND
GND
VDDQ
VDDQ
CLK
CLK
AVDD
VDDQ
GND
AGND
Y4
Y3
NC
NC
NC
NC
NC
NC
NC
NC
VFBGA
TOP VIEW
0.65mm
TOP VIEW
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
1
3
2
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com