Electronic Components Datasheet Search
  English  ▼

X  

AN1482 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1482
Description  MPEG2 Main Profile Video Decoding on ST100
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1482 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1482 Datasheet HTML 1Page - STMicroelectronics AN1482 Datasheet HTML 2Page - STMicroelectronics AN1482 Datasheet HTML 3Page - STMicroelectronics AN1482 Datasheet HTML 4Page - STMicroelectronics AN1482 Datasheet HTML 5Page - STMicroelectronics AN1482 Datasheet HTML 6Page - STMicroelectronics AN1482 Datasheet HTML 7Page - STMicroelectronics AN1482 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN1482 - APPLICATION NOTE
3/8
1 - OVERVIEW ON MAIN PROFILE DECODING
Figure 1 shows the block diagram of the Main Profile decoder [1]. The basic building blocks are the same
as for Simple Profile, but some additional features are supported in Main Profile. In particular, Main Profile
defines a new type of pictures, called B (bidirectionally interpolated), that are predicted from past and
future I/P images. This implies an increased complexity of the
Temporal Prediction block to support
bidirectional prediction.
A Main Profile decoder must support all the prediction modes (up to six) and the two possible picture
structures (frame pictures and field pictures).
Block
IDCT/Add Prediction can be performed either in field or frame mode.
The corresponding bitstream parser, represented by the block
headers and motion vectors decoding,
must be able to support the syntax corresponding to the above features.
Huffman decoding must support MPEG-1 backward compatibility (two special routines have been added
for this, since MPEG-1 syntax uses different escape codes) and two types of coefficients scan (zig-zag
and alternate).
The following chapters depict all these basic blocks, showing their performance on the optimized
assembly implementation for ST120. However, the reference C source is the one developed by the
MPEG Software Simulation Group [2].
Figure 1 : Main Profile decoder block diagram
IDCT
Temporal
FRAME BUFFER
B
Huffman
decoding/inverse
quantization/inverse
scan
Headers and motion
vectors decoding
I
T
S
T
R
E
A
M
Prediction
Add
Prediction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com